Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX2016 Datasheet HTML 12Page - Maxim Integrated Products MAX2016 Datasheet HTML 13Page - Maxim Integrated Products MAX2016 Datasheet HTML 14Page - Maxim Integrated Products MAX2016 Datasheet HTML 15Page - Maxim Integrated Products MAX2016 Datasheet HTML 16Page - Maxim Integrated Products MAX2016 Datasheet HTML 17Page - Maxim Integrated Products MAX2016 Datasheet HTML 18Page - Maxim Integrated Products MAX2016 Datasheet HTML 19Page - Maxim Integrated Products MAX2016 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
______________________________________________________________________________________
17
MAX2016
REF
SETA
OUTA
OUTB
SETB
2.0V
REF
LOG
AMPLIFIERS
LOG
AMPLIFIERS
VCC
RFINB+
RFINB-
FB1
FB2
FV1
FV2
SETD
OUTD
CSETH
COUTH
COUTL
CSETL
COR
FA2
FA1
RFINA-
RFINA+
GND
EXPOSED
PAD
20k
Ω
50
Ω
50
Ω
20k
Ω
20k
Ω
20k
Ω
2, 9, 12, 20
5, 17
3
4
1
28
8
16
15
11
10
13
14
22
21
18
19
24
23
25
27
26
6
7
20k
Ω
Functional Diagram
planes. This method provides a good RF/thermal con-
duction path for the device. Solder the exposed pad on
the bottom of the device package to the PCB. The
MAX2016 Evaluation Kit can be used as a reference for
board layout. Gerber files are available upon request at
www.maxim-ic.com.
Power-Supply Bypassing
Proper voltage-supply bypassing is essential for high-
frequency circuit stability. Bypass each VCC pin with a
capacitor as close to the pin as possible (Typical
Application Circuit).
Exposed Pad RF/Thermal Considerations
The exposed paddle (EP) of the MAX2016’s 28-pin thin
QFN-EP package provides two functions. One is a low
thermal-resistance path to the die; the second is a low-
RF impedance ground connection. The EP MUST be
soldered to a ground plane on the PCB, either directly
or through an array of plated via holes (minimum of four
holes to provide ground integrity).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com