Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX2016 Datasheet HTML 8Page - Maxim Integrated Products MAX2016 Datasheet HTML 9Page - Maxim Integrated Products MAX2016 Datasheet HTML 10Page - Maxim Integrated Products MAX2016 Datasheet HTML 11Page - Maxim Integrated Products MAX2016 Datasheet HTML 12Page - Maxim Integrated Products MAX2016 Datasheet HTML 13Page - Maxim Integrated Products MAX2016 Datasheet HTML 14Page - Maxim Integrated Products MAX2016 Datasheet HTML 15Page - Maxim Integrated Products MAX2016 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
12
______________________________________________________________________________________
impedance results, leading to an increase in reflected
power and subsequent change in the transmission
line’s VSWR. This increase in reflected power is mani-
fested by an increase in the voltage at OUTD. An alarm
condition can be set by using the low comparator out-
put (COUTL) as shown in Figure 1. The comparator
automatically senses the change in VSWR, yielding a
logic 0 as it compares OUTD to a low DC voltage at
CSETL. CSETL, in turn, is set by using the internal refer-
ence voltage and an external resistor-divider network.
For accurate measurement of signals carrying signifi-
cant amplitude modulation, limit the bandwidth of the
difference amplifier to be less than the lowest modula-
tion frequency. This will minimize the ripple in the
OUTD waveform. This is particularly appropriate if the
system-level time delay between the two sense points
is significant with respect to the period of modulation.
Figure 1 illustrates a simple level detector. For window-
detector implementation, see the Comparator/Window
Detector section.
Measuring VSWR and Return Loss
In Figure 2, the two logarithmic amplifiers measure the
incident and the reflected power levels to produce two
proportional output voltages at OUTA and OUTB. Since
OUTD is a DC voltage proportional to the difference of
OUTA and OUTB, return loss (RL) and VSWR can be
easily calculated within a microprocessor using the
following relationships:
where return loss (RL) is expressed in decibels,
VCENTER is the output voltage (typically 1V) when
PRFINA = PRFINB, and SLOPE is typically equal to
-25mV/dB (for R3 = 0
Ω).
VSWR can similarly be calculated through the following
relationship:
VSWR
RL
RL
= +
−
−
−
⎛
⎝
⎞
⎠
⎛
⎝
⎞
⎠
110
110
20
20
RL
P
P
VV
SLOPE
RFINA
RFINB
OUTD
CENTER
=−
=
−
()
MAX2016
RFINA
RFINB
GND
ADC
μP
IN
LOAD
4-PORT DIRECTIONAL
COUPLER
LOGARITHMIC
DETECTOR
LOGARITHMIC
DETECTOR
OUTD
SETD
20k
Ω
Figure 2. Measuring Return Loss and VSWR of a Given Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com