Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX2016 Datasheet HTML 10Page - Maxim Integrated Products MAX2016 Datasheet HTML 11Page - Maxim Integrated Products MAX2016 Datasheet HTML 12Page - Maxim Integrated Products MAX2016 Datasheet HTML 13Page - Maxim Integrated Products MAX2016 Datasheet HTML 14Page - Maxim Integrated Products MAX2016 Datasheet HTML 15Page - Maxim Integrated Products MAX2016 Datasheet HTML 16Page - Maxim Integrated Products MAX2016 Datasheet HTML 17Page - Maxim Integrated Products MAX2016 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
14
______________________________________________________________________________________
Measuring Power (RSSI Detector Mode)
In detector mode, the MAX2016 acts like a receive-sig-
nal-strength indicator (RSSI), which provides an output
voltage proportional to the input power. This is accom-
plished by providing a feedback path from OUTA
(OUTB) to SETA (SETB) (R1/R2 = 0
Ω; see Figure 5).
By connecting SET_ directly to OUT_, the op-amp gain
is set to 2V/V due to two internal 20k
Ω feedback resis-
tors. This provides a detector slope of approximately
18mV/dB with a 0.5V to 1.8V output range.
Gain-Controller Mode
The MAX2016 can be used as a gain controller within
an automatic gain-control (AGC) loop. As shown in
Figure 6, RFINA and RFINB monitor the VGA’s input
and output power levels, respectively. The MAX2016
produces a DC voltage at OUTD that is proportional to
the difference in these two RF input power levels. An
internal op amp compares the DC voltage with a refer-
ence voltage at SETD. The op amp increases or
decreases the voltage at OUTD until OUTD equals
SETD. Thus, the MAX2016 adjusts the gain of the VGA
to a level determined by the voltage applied to SETD.
Place the nominal signal levels of RFINA and RFINB
near the middle of their respective dynamic ranges to
accommodate the largest range of gain compensation.
This is nominally -25dBm to -30dBm. If so selected, the
nominal voltage applied to SETD will be approximately
1.0V. Operate the SETD voltage within the range of
0.5V to 1.5V for the greatest accuracy of gain control.
MAX2016
RFIN+A
RFIN-A
OUTA
IN_
GND
R1/R2
20k
Ω
20k
Ω
DETECTORS
SETA
OUTA
RFIN+B
RFIN-B
OUTB
IN_
R1/R2
20k
Ω
20k
Ω
DETECTORS
SETB
OUTB
Figure 5. In Detector Mode (RSSI), OUTA/OUTB is a DC
Voltage Proportional to the Input Power
MAX2016
LOGARITHMIC
DETECTOR
LOGARITHMIC
DETECTOR
20k
Ω
VGA
GAIN CONTROL INPUT
RFINA
RFINB
OUTD
SETD
VGA INPUT
VGA OUTPUT
SET-POINT
DAC
COUPLER
COUPLER
Figure 6. In Gain-Controller Mode, the OUTD Maintains the
Gain of the VGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com