Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2016 Datasheet HTML 7Page - Maxim Integrated Products MAX2016 Datasheet HTML 8Page - Maxim Integrated Products MAX2016 Datasheet HTML 9Page - Maxim Integrated Products MAX2016 Datasheet HTML 10Page - Maxim Integrated Products MAX2016 Datasheet HTML 11Page - Maxim Integrated Products MAX2016 Datasheet HTML 12Page - Maxim Integrated Products MAX2016 Datasheet HTML 13Page - Maxim Integrated Products MAX2016 Datasheet HTML 14Page - Maxim Integrated Products MAX2016 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
______________________________________________________________________________________
11
The differential RF inputs allow for the measurement of
broadband signals ranging from low frequency to
2.5GHz. For single-ended signals, RFINA- and RFINB-
are AC-coupled to ground. The RF inputs are internally
biased and need to be AC-coupled. Using 680pF
capacitors, as shown in the Typical Application Circuit,
results in a 10MHz highpass corner frequency. An
internal 50
Ω resistor between RFINA+ and RFINA- (as
well as RFINB+ and RFINB-) produces a good low-fre-
quency to 3.0GHz match.
SETA, SETB, and SETD Inputs
The SET_ inputs are used for loop control when the
device is in controller mode. Likewise, these same
SET_ inputs are used to set the slope of the output sig-
nal (mV/dB) when the MAX2016 is in detector mode.
The center node of the internal resistor-divider is fed to
the negative input of the power detector’s internal out-
put op amp.
Reference
The MAX2016 has an on-chip 2V voltage reference.
The internal reference output is connected to REF. The
output can be used as a reference voltage source for
the comparators or other components and can source
up to 2mA.
OUTA and OUTB
Each OUT_ is a DC voltage proportional to the RF input
power level. The change of OUT_ with respect to the
power input is approximately 18mV/dB (R1 = R2 = 0
Ω).
The input power level can be determined by the following
equation:
where PINT is the extrapolated intercept point of where
the output voltage intersects the horizontal axis.
OUTD
OUTD is a DC voltage proportional to the difference of
the input RF power levels. The change of the OUTD
with respect to the power difference is -25mV/dB (R3 =
0
Ω). The difference of the input power levels (gain) can
be determined by the following equation:
where VCENTER is the output voltage, typically 1V, when
PRFINA = PRFINB.
Applications Information
Monitoring VSWR and Return Loss
The MAX2016 can be used to measure the VSWR of an
RF signal, which is useful for detecting the presence or
absence of a properly loaded termination, such as an
antenna (see Figure 1). The transmitted wave from the
power amplifier is coupled to RFINA and to the anten-
na. The reflected wave from the antenna is connected
to RFINB through a circulator. When the antenna is
missing or damaged, a mismatch in the nominal load
PP
VV
SLOPE
RFINA
RFINB
OUTD
CENTER
−
=
−
()
P
V
SLOPE
P
RFIN
OUT
INT
_
_
=+
MAX2016
CSETL
COUTL
VREF
LOGARITHMIC
DETECTOR
LOGARITHMIC
DETECTOR
COUTL
OUTD
SETD
20k
Ω
RFINB
RFINA
OUTD
TRANSMITTER
COUPLER
CIRCULATOR
ATTENUATOR
GND
Figure 1. VSWR Monitoring Configuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com