Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2016 Datasheet HTML 1Page - Maxim Integrated Products MAX2016 Datasheet HTML 2Page - Maxim Integrated Products MAX2016 Datasheet HTML 3Page - Maxim Integrated Products MAX2016 Datasheet HTML 4Page - Maxim Integrated Products MAX2016 Datasheet HTML 5Page - Maxim Integrated Products MAX2016 Datasheet HTML 6Page - Maxim Integrated Products MAX2016 Datasheet HTML 7Page - Maxim Integrated Products MAX2016 Datasheet HTML 8Page - Maxim Integrated Products MAX2016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency Range
fRF
AC-coupled input
2.5
GHz
Return Loss
S11
0.1GHz to 3GHz
20
dB
Large-Signal Response Time
PRFIN = no signal to 0dBm, ±0.5dB settling
accuracy
100
ns
RSSI MODE—0.1GHz
RF Input Power Range
(Note 2)
-70 to
+10
dBm
±3dB Dynamic Range
TA = -20°C to +85°C (Note 3)
80
dB
Range Center
-32
dBm
TA = +25°C to +85°C
+0.0083
Temperature Sensitivity
PRFINA = PRFINB =
-32dBm
TA = +25°C to -20°C
-0.0083
dB/°C
Slope
(Note 4)
19
mV/dB
Typical Slope Variation
TA = -20°C to +85°C
-4
µV/°C
Intercept
(Note 5)
-100
dBm
Typical Intercept Variation
TA = -20°C to +85°C
0.03
dBm/°C
RSSI MODE—0.9GHz
RF Input Power Range
(Note 2)
-70 to
+10
dBm
±3dB Dynamic Range
TA = -20°C to +85°C (Note 3)
80
dB
Range Center
-30
dBm
TA = +25°C to +85°C
+0.0083
Temperature Sensitivity
PRFINA = PRFINB =
-30dBm
TA = +25°C to -20°C
-0.0083
dB/°C
Slope
(Note 4)
18.1
mV/dB
Typical Slope Variation
TA = -20°C to +85°C
-4
µV/°C
Intercept
(Note 5)
-97
dBm
Typical Intercept Variation
TA = -20°C to +85°C
0.02
dBm/°C
RSSI MODE—1.9GHz
RF Input Power Range
(Note 2)
-55 to
+12
dBm
±3dB Dynamic Range
TA = -20°C to +85°C (Note 3)
67
dB
Range Center
-27
dBm
TA = +25°C to +85°C
+0.0125
Temperature Sensitivity
PRFINA = PRFINB =
-27dBm
TA = +25°C to -20°C
-0.0125
dB/°C
Slope
(Note 4)
18
mV/dB
Typical Slope Variation
TA = -20°C to +85°C
-4.8
µV/°C
Intercept
(Note 5)
-88
dBm
Typical Intercept Variation
TA = -20°C to +85°C
0.03
dBm/°C
AC ELECTRICAL CHARACTERISTICS—OUTA AND OUTB
(Typical Application Circuit, VCC = +2.7V to +3.3V, R1 = R2 = R3 = 0
Ω, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VCC = 3.3V, CSETL = CSETH = VCC, TA = +25°C, unless otherwise noted.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com