Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX2016 Datasheet HTML 12Page - Maxim Integrated Products MAX2016 Datasheet HTML 13Page - Maxim Integrated Products MAX2016 Datasheet HTML 14Page - Maxim Integrated Products MAX2016 Datasheet HTML 15Page - Maxim Integrated Products MAX2016 Datasheet HTML 16Page - Maxim Integrated Products MAX2016 Datasheet HTML 17Page - Maxim Integrated Products MAX2016 Datasheet HTML 18Page - Maxim Integrated Products MAX2016 Datasheet HTML 19Page - Maxim Integrated Products MAX2016 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
18
______________________________________________________________________________________
FA1
1
VCC
2
RFINA+
3
RFINA-
4
GND
5
COUTH
6
CSETH
7
FB1
21
VCC
20
RFINB+
19
RFINB-
18
GND
17
COUTL
16
CSETL
15
8
9
10
11
12
13
14
28
27
26
25
24
23
22
MAX2016
VREF
R1
VOUTA
R2
VOUTB
C12
C5
C4
C1
C2
C11
C8
C9
C16
C17
COMPARATORB
C15
A + B
R3
C7
C14
VOUTD
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VS
C18
COMPARATORA
RFINA
RFINB
C10
C13
C6
C3
R6
EXPOSED
PADDLE
NOTE: COMPARATORS ARE DISABLED
BY CONNECTING CSETL AND CSETH TO VCC.
Typical Application Circuit
Chip Information
PROCESS: BiCMOS
DESIGNATION
VALUE
DESCRIPTION
C1, C2, C8, C9
680pF
Microwave capacitors (0402)
C3, C6, C10, C13
33pF
Microwave capacitors (0402)
C4, C7, C11, C14
0.1µF
Microwave capacitors (0603)
C5, C12, C15, C16, C17
Not used
Capacitors are optional for frequency compensation, bypass
C18
10µF
Tantalum capacitor (C case)
R1, R2, R3
0
Ω
Resistors (0402)
0
Ω
Resistor (1206) for VS = 2.7V to 3.6V
R6
37.4
Ω
±1% resistor (1206) for VS = 4.75V to 5.25V
Table 1. Component Values Used in the Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com