Electronic Components Datasheet Search
  English  ▼

X  

ZDP323B2 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # ZDP323B2
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B2 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button ZDP323B2 Datasheet HTML 2Page - Zilog, Inc. ZDP323B2 Datasheet HTML 3Page - Zilog, Inc. ZDP323B2 Datasheet HTML 4Page - Zilog, Inc. ZDP323B2 Datasheet HTML 5Page - Zilog, Inc. ZDP323B2 Datasheet HTML 6Page - Zilog, Inc. ZDP323B2 Datasheet HTML 7Page - Zilog, Inc. ZDP323B2 Datasheet HTML 8Page - Zilog, Inc. ZDP323B2 Datasheet HTML 9Page - Zilog, Inc. ZDP323B2 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 3
Peak values from the output of the bandpass filter are saved in the Peak Hold register and
can be read over the I2C interface. This is useful for development when selecting the best
filter profile for the application requirements and specific lens being used.
If Trigger Output mode is enabled, the output of the digital band pass filter is passed to a
digital window comparator with programmable thresholds. When the signal exceeds the
selected window threshold, the detection counter is incremented. If the signal still exceeds
½ the selected threshold when the next ADC sample is processed, the detection counter is
incremented again, and the Trigger Output (TRIG pin) is driven active for 50µs indicating
that a motion event has been detected. When multiple devices are on the same I2C bus, the
Peak Hold value is read to determine which device asserted its Trigger Output.
4 Pin Descriptions
1
2
3
4
Bottom View
5 Field of View
The typical Field of View (FOV) of the ZDP323B series Digital PIR Sensor is 148
 in the X
axis and 136
 in the Y axis as shown in the following figure.
Figure 3 - Field of View
Table 2 - Pin Descriptions
Pin
Name
Description
1
SDA/TRIG
SDA: I2C Serial Data
Transfers data to/from external I2C
master.
TRIG: Motion Trigger
Driven low when motion detected
2
VDD
Power Supply
3
SCL
I2C Serial Clock
Serial clock input from extern I2C
master
4
GND
Ground - Case
Figure 2 - Bottom View Pin Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com