Electronic Components Datasheet Search
  English  ▼

X  

ZDP323B2 Datasheet(PDF) 17 Page - Zilog, Inc.

Part # ZDP323B2
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B2 Datasheet(HTML) 17 Page - Zilog, Inc.

Back Button ZDP323B2 Datasheet HTML 13Page - Zilog, Inc. ZDP323B2 Datasheet HTML 14Page - Zilog, Inc. ZDP323B2 Datasheet HTML 15Page - Zilog, Inc. ZDP323B2 Datasheet HTML 16Page - Zilog, Inc. ZDP323B2 Datasheet HTML 17Page - Zilog, Inc. ZDP323B2 Datasheet HTML 18Page - Zilog, Inc. ZDP323B2 Datasheet HTML 19Page - Zilog, Inc. ZDP323B2 Datasheet HTML 20Page - Zilog, Inc. ZDP323B2 Datasheet HTML 21Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 14
12.2 Multi-Device Operation
Power On
(Delay 500ms)
Yes
No
Write Device N Configuration Register:
• Trigger Output Mode: Disabled
• Detection Threshold = FFh
• Band-Pass Filter Step: As required
• Band-Pass Filter Type: As required
Peak Hold
<
½ Detection
Threshold
(7Fh)
MCU: Wait for SDA/TRIG
active
MCU: SDA signal configured as
input to interrupt or wake
Delay 10ms
N = 1
N = N + 1
N = #
Devices
?
Read Peak Hold Data
No
Yes
MCU: Wake up or
Interrupt
(SDA/TRIG Active)
Yes
No
Peak Hold
>
Detection
Threshold
N = 1
N =
# Devices
?
Read Device N Peak Hold Data
No
Yes
N = N + 1
Device N = Motion Detected
MCU: Wait TSTAB (30 Sec)
TSTAB is incurred only once after power on or
after any change is made to the Band-Pass
Filter Step or Type settings
Write Device N Configuration Register:
• Trigger Output Mode: Enabled
• Detection Threshold: As required
• Band-Pass Filter Step: As required
• Band-Pass Filter Type: As required
Write Device N Configuration Register:
• Trigger Output Mode: Disabled
• Detection Threshold: No change
• Band-Pass Filter Step: No change
• Band-Pass Filter Type: No change
Figure 16 - Multi-Device Operating Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com