Electronic Components Datasheet Search
  English  ▼

X  

ZDP323B2 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # ZDP323B2
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B2 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button ZDP323B2 Datasheet HTML 7Page - Zilog, Inc. ZDP323B2 Datasheet HTML 8Page - Zilog, Inc. ZDP323B2 Datasheet HTML 9Page - Zilog, Inc. ZDP323B2 Datasheet HTML 10Page - Zilog, Inc. ZDP323B2 Datasheet HTML 11Page - Zilog, Inc. ZDP323B2 Datasheet HTML 12Page - Zilog, Inc. ZDP323B2 Datasheet HTML 13Page - Zilog, Inc. ZDP323B2 Datasheet HTML 14Page - Zilog, Inc. ZDP323B2 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 8
9.4.1 Reading Peak Hold Data
The ZDP323B Digital PIR Sensor tracks the peak value from the output of the bandpass
filter which can be read over the I2C interface. This value is provided in a 12-
bit, signed, 2’s
compliment format.
The peak hold value is tracked each time the bandpass filter output is updated. The output
value from the bandpass filter is compared against the current peak hold value. If the
absolute value of the bandpass filter output is greater than the current peak hold absolute
value, it is saved as the new peak hold value.
Figure 11 shows the I2C transaction used to read the Peak Hold Data using the 7-bit
General Call transaction and Figure 12 shows the I2C transaction required to read the Peak
Hold Data using a 10-bit address.
SDA (Pin 1)
SCL (Pin 3) Start
0
0
0
0
0
SA6 SA5 SA4 SA3 SA2 SA1 SA0
0
0
Slave Address (7-bit)
ACK
X
X
X
X
D11 D10 D9
Peak Hold Data (Upper 8-bit)
D8 ACK
Stop
R
D7
D6
D5
D4
D3
D2
D1
Peak Hold Data (Lower 8-bit)
D0
ACK
Peak Hold Data (12-bit)
Figure 11 - Peak Hold Data Read (7-bit Address)
SDA (Pin 1)
SCL (Pin 3)
SDA (Pin 1)
SCL (Pin 3)
Start
1
1
1
1
0
1
1
1
1
0
SA9 SA8
1
1
Slave Address (Upper 2-bit)
W ACK
0
0
0
0
0
SA7 SA6 SA5 SA4 SA3 SA2 SA1
X
X
Slave Address (Lower 8-bit)
SA0
X
Stop
1
1
1
1
0
1
1
1
1
0
SA9 SA8
1
1
Slave Address (Upper 2-bit)
R
ACK
Repeated Start
X
X
X
X
D11 D10 D9
Peak Hold Data (Upper 8-bit)
D8 ACK D7 D6
D5
D4
D3
D2
D1
Peak Hold Data (12-bit)
D0 ACK
Figure 12 - Peak Hold Data (10-bit Address)
When the Peak Hold value is read, it is reset to 0 and tracking starts over. If the Peak Hold
Data is read at a rate shorter than TCYC, the value returned could be 0 (since it has not been
updated since the last read). Therefore, it is recommended to read the Peak Hold data at a
rate not less than ~10ms.
The Peak Hold value should not be read until the sensor stability time (TSTAB) has
completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com