Electronic Components Datasheet Search
  English  ▼

X  

ZDP323B2 Datasheet(PDF) 25 Page - Zilog, Inc.

Part # ZDP323B2
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B2 Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button ZDP323B2 Datasheet HTML 18Page - Zilog, Inc. ZDP323B2 Datasheet HTML 19Page - Zilog, Inc. ZDP323B2 Datasheet HTML 20Page - Zilog, Inc. ZDP323B2 Datasheet HTML 21Page - Zilog, Inc. ZDP323B2 Datasheet HTML 22Page - Zilog, Inc. ZDP323B2 Datasheet HTML 23Page - Zilog, Inc. ZDP323B2 Datasheet HTML 24Page - Zilog, Inc. ZDP323B2 Datasheet HTML 25Page - Zilog, Inc. ZDP323B2 Datasheet HTML 26Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 22
17 Usage Restrictions and Precautions
This section presents restrictions and precautions that apply to Zilog pyroelectric sensors.
17.1 Design Restrictions and Precautions
If used for outdoor applications, be sure to use a suitable UV optical filter and drip-proof,
anti-dew construction. This sensor is designed for indoor use. In cases where secondary
accidents due to operational failure or malfunctions can be anticipated, add a failsafe
function to the design.
17.2 Usage Restrictions and Precautions
To ensure continued proper operation of the sensor, do not operate it under any of the
following conditions:
•
Rapid environmental temperature changes
•
Strong shocks or vibrations
•
In places where there are obstructing materials (glass, fog, etc.) through which infrared rays
cannot pass within the detection area
•
In fluids, corrosive gases, and sea breezes
•
Under continual high-humidity atmospheric conditions
•
Exposed to direct sunlight or automobile headlights without appropriate lens filter
•
Exposed directly to forced-air currents from a heater or air conditioner
17.3 Handling and Storage Restrictions and Precautions
To prevent sensor malfunctions, operational failure, appearance damage, or any
deterioration of its characteristics, do not expose the sensor to any of the following, or
similar, handling and storage conditions:
•
Strong shocks or continual vibrations
•
Static electricity or strong electromagnetic waves
•
High temperature and humidity over extended periods
•
Corrosive gases or sea breezes
•
Dirty and dusty environments that may contaminate the optical window
•
Ultrasonic cleaning
17.4 Assembly Restrictions and Precautions
Use soldering iron with controlled heat when soldering
•
Avoid extended durations of heat on the sensors’ pins. Exposure to excessive heat may
cause deterioration of the sensor performance (e.g., durations beyond 5 seconds at 350°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com