Electronic Components Datasheet Search
  English  ▼

X  

ZDP323B2 Datasheet(PDF) 12 Page - Zilog, Inc.

Part # ZDP323B2
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B2 Datasheet(HTML) 12 Page - Zilog, Inc.

Back Button ZDP323B2 Datasheet HTML 8Page - Zilog, Inc. ZDP323B2 Datasheet HTML 9Page - Zilog, Inc. ZDP323B2 Datasheet HTML 10Page - Zilog, Inc. ZDP323B2 Datasheet HTML 11Page - Zilog, Inc. ZDP323B2 Datasheet HTML 12Page - Zilog, Inc. ZDP323B2 Datasheet HTML 13Page - Zilog, Inc. ZDP323B2 Datasheet HTML 14Page - Zilog, Inc. ZDP323B2 Datasheet HTML 15Page - Zilog, Inc. ZDP323B2 Datasheet HTML 16Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 9
9.5
Trigger Output Mode
The ZDP323B Digital PIR Sensor can operate in a Trigger Output Mode to signal a host
MCU when a motion event is detected. When Trigger Output Mode is enabled, the
SDA/TRIG pin is driven active low when the sensor signal meets the defined motion
detection qualification parameters.
9.5.1 Enabling and Disabling Trigger Output Mode
Trigger Output Mode is enabled by writing control register TRIGOM (Bit 23) to a 1 and is
disabled by writing it to a 0. The default state is disabled.
When enabled, the SDA/TRIG pin remains open drain (external pull up resistor required)
until a qualified motion event is detected. SDA/TRIG is driven low for 50µs when a motion
event is detected.
When Trigger Output mode is enabled, if the SCL pin is driven low while the SDA/TRIG pin
is active (low), and an I2C START condition is satisfied, the SDA/TRIG pin is released
automatically, and the sensor operates as slave. The ensures an I2C master can write to
and read from the device while Triggered Output Mode is enabled.
9.6
Detection Counter
This ZDP323B features a detection counter, which controls the Trigger Output. The
Detection counter is set to 1 when the signal output of the Bandpass Filter exceeds the
Detection Threshold level set in the Configuration Register (bits 15 to 22). If the next
bandpass filter output exceeds ½ the Detection Threshold, the counter is incremented to 2
and the Trigger Output is activated.
The Detection Counter is cleared under the following conditions:
• After activating the Trigger Output.
• When the bandpass filter output is less than ½ the Detection Threshold.
• When an I2C Start condition is satisfied.
Since the Detection Counter is reset on each I2C Start condition, the
Trigger Output will not be asserted if the I2C Master continuously
communicates with the device. If the I2C Master needs to continually
communicate with the device (monitoring Peak Hold data), Trigger Output
Mode should be disabled.
Note:
The bandpass filter sampling period is more frequent than the Trigger output update period
which can result in a situation where the Trigger Output deactivation appears delayed as
compared to the output data. This can result in the output data being up to +/- 3 counts
outside of the programmed threshold value.
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com