Electronic Components Datasheet Search
  English  ▼

X  

ZDP323B2 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # ZDP323B2
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B2 Datasheet(HTML) 5 Page - Zilog, Inc.

  ZDP323B2 Datasheet HTML 1Page - Zilog, Inc. ZDP323B2 Datasheet HTML 2Page - Zilog, Inc. ZDP323B2 Datasheet HTML 3Page - Zilog, Inc. ZDP323B2 Datasheet HTML 4Page - Zilog, Inc. ZDP323B2 Datasheet HTML 5Page - Zilog, Inc. ZDP323B2 Datasheet HTML 6Page - Zilog, Inc. ZDP323B2 Datasheet HTML 7Page - Zilog, Inc. ZDP323B2 Datasheet HTML 8Page - Zilog, Inc. ZDP323B2 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 2
2 Ordering Information
There are four variations of the ZDP323B series Digital PIR Sensor available, differentiated
by their I2C bus address. All other performance, functions and features remain the same. All
devices will also respond to an I2C General Call transaction.
Table 1 - Ordering Information
Part Number
Description
I2C Bus Address
ZDP323B1
Digital PIR Sensor; Dual Element, I2C Bus
301h
ZDP323B2
Digital PIR Sensor; Dual Element, I2C Bus
302h
ZDP323B3
Digital PIR Sensor; Dual Element, I2C Bus
303h
ZDP323B4
Digital PIR Sensor; Dual Element, I2C Bus
304h
3 Block Diagram
The device consists of two series opposed PIR sensing elements connected to a FET
follower and all other processing required to detect motion. An I2C interface is provided for
communications. The SDA signal can be used as a Motion Trigger output to interrupt or
wake up a host processor when motion is detected.
AMP
Digital
Band
Pass
Filter
ADC
Configuration Register, Peak Hold
and
I2C Interface
VDD
GND
SDA/TRIG
SCL
Window
Comparator
Thresholds
and
Detection
Counter
Figure 1 - Block Diagram
3.1
Operation
Refer to Figure 1. An amplifier provides buffering of the PIR signal for the ADC which
performs a conversion every 9.5ms and passes the result to the digital bandpass filter. One
of several different filter profiles can be selected depending on performance requirements
and lens characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com