Electronic Components Datasheet Search
  English  ▼

X  

ZDP323B2 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # ZDP323B2
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B2 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button ZDP323B2 Datasheet HTML 10Page - Zilog, Inc. ZDP323B2 Datasheet HTML 11Page - Zilog, Inc. ZDP323B2 Datasheet HTML 12Page - Zilog, Inc. ZDP323B2 Datasheet HTML 13Page - Zilog, Inc. ZDP323B2 Datasheet HTML 14Page - Zilog, Inc. ZDP323B2 Datasheet HTML 15Page - Zilog, Inc. ZDP323B2 Datasheet HTML 16Page - Zilog, Inc. ZDP323B2 Datasheet HTML 17Page - Zilog, Inc. ZDP323B2 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 11
9.6.1 Trigger Output Operation Example
Refer to Figure 14 for the following description.
A:
I2C transaction. Host MCU enables Trigger Output mode by setting TRIGOM (Configuration
register bit 23) to a 1. The Detection Counter is reset to 0.
B:
Signal Output exceeds Detection Threshold; Detection Counter = 1
C:
Signal Output still exceeds ½ Detection Threshold; Detection Counter = 2; Trigger Output
(SDA/TRIG) activated (driven low) for 50µs.
D:
I2C transaction. Host MCU disables Trigger Output mode by writing TRIGOM to 0.
E:
I2C transaction. Host reads Peak Hold data. This is required when multiple ZDP323B
devices are connected on the same I2C bus. Reading Peak Hold data allows the Host MCU
to determine which device activated the Output Trigger since the Peak Hold data value will
be greater than the Detection Threshold. If only a single device is on the I2C bus, steps D
and E are not necessary.
SDA/TRIG (Pin 1)
Signal Output
Detection Threshold
Detection Threshold * 0.5
Detection Threshold
Detection Threshold * 0.5
0
1
2
0
0
0
0
0
1
2
TCYC
Detection Counter
Value
Trigger Mode Inactive
A
A
C D E
C D E
A
C
B
B
C
x
Figure 14 - Trigger Output Mode Example
Note:
Trigger Output mode should be enabled only when the signal output is less than the ½
Detection Threshold. The following procedure can be used to ensure this:
1. Write the Detection Threshold (Configuration register bits 15 to 22) to its maximum
value (FFh).
2. Continually read the Peak Hold value every 10ms until the value is below ½ the
Detection Threshold value (7Fh).
3. Write the Configuration register with the required Detection Threshold, filter
selection and Trigger Output mode enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com