Electronic Components Datasheet Search
  English  ▼

X  

LT1228CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1228CS8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1228CS8 Datasheet HTML 3Page - Linear Technology LT1228CS8 Datasheet HTML 4Page - Linear Technology LT1228CS8 Datasheet HTML 5Page - Linear Technology LT1228CS8 Datasheet HTML 6Page - Linear Technology LT1228CS8 Datasheet HTML 7Page - Linear Technology LT1228CS8 Datasheet HTML 8Page - Linear Technology LT1228CS8 Datasheet HTML 9Page - Linear Technology LT1228CS8 Datasheet HTML 10Page - Linear Technology LT1228CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1228
1228fc
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Current Feedback Amplifier, Pins 1, 6, 8
Maximum Capacitive Load vs
Total Harmonic Distortion vs
2nd and 3rd Harmonic
Feedback Resistor
Frequency
Distortion vs Frequency
FEEDBACK RESISTOR (k
Ω)
10
100
1k
10k
02
3
LT1228 • TPC19
1
1
VS = ±5V
VS = ±15V
RL = 1k
PEAKING
≤ 5dB
GAIN = 2
FREQUENCY (Hz)
0.01
0.10
10
1k
10k
100k
LT1228 • TPC20
0.001
100
VS = ±15V
RL = 400Ω
RF = RG = 750Ω
VO = 7VRMS
VO = 1VRMS
FREQUENCY (MHz)
1
–70
–60
–50
–40
–30
–20
10
100
LT1228 • TPC21
VS = ±15V
VO = 2VP–P
RL = 100Ω
RF = 750Ω
AV = 10dB
2nd
3rd
Input Common Mode Limit vs
Output Saturation Voltage vs
Output Short-Circuit Current vs
Temperature
Temperature
Temperature
TEMPERATURE (
°C)
–25
40
60
100
150
LT1228 • TPC24
0
–50
25
50
75
125
175
30
70
50
TEMPERATURE (
°C)
2.0
V+
–50
25
75
125
LT1228 • TPC22
V–
0
1.0
–1.0
–2.0
–0.5
–1.5
1.5
0.5
–25
50
100
V+ = 2V TO 15V
V– = –2V TO –15V
TEMPERATURE (
°C)
V+
–50
25
75
125
LT1228 • TPC23
V–
0
1.0
–1.0
–0.5
0.5
–25
50
100
RL = ∞
±2V ≤ V
S ≤ ±15V
Spot Noise Voltage and Current vs
Power Supply Rejection vs
Output Impedance vs
Frequency
Frequency
Frequency
FREQUENCY (Hz)
10
100
10
1k
10k
100k
LT1228 • TPC25
1
100
en
+in
–in
FREQUENCY (Hz)
40
80
10k
1M
10M
100M
LT1228 • TPC26
0
100k
VS = ±15V
RL = 100Ω
RF = RG = 750Ω
NEGATIVE
20
60
POSITIVE
FREQUENCY (Hz)
0.1
100
10k
1M
10M
100M
LT1228 • TPC27
0.001
100k
0.01
10
VS = ±15V
1.0
RF = RG = 2k
RF = RG = 750Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com