Electronic Components Datasheet Search
  English  ▼

X  

LT1228CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1228CS8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1228CS8 Datasheet HTML 2Page - Linear Technology LT1228CS8 Datasheet HTML 3Page - Linear Technology LT1228CS8 Datasheet HTML 4Page - Linear Technology LT1228CS8 Datasheet HTML 5Page - Linear Technology LT1228CS8 Datasheet HTML 6Page - Linear Technology LT1228CS8 Datasheet HTML 7Page - Linear Technology LT1228CS8 Datasheet HTML 8Page - Linear Technology LT1228CS8 Datasheet HTML 9Page - Linear Technology LT1228CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1228
1228fc
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Voltage Gain and Phase vs
–3dB Bandwidth vs Supply
–3dB Bandwidth vs Supply
Frequency, Gain = 6dB
Voltage, Gain = 2, RL = 100Ω
Voltage, Gain = 2, RL = 1k
Current Feedback Amplifier, Pins 1, 6, 8
SUPPLY VOLTAGE (
±V)
2
40
100
120
12
16
LT1228 • TPC11
4
06
8
10
14
18
0
20
60
140
160
180
RF = 500Ω
80
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 750Ω
RF = 1k
RF = 2k
SUPPLY VOLTAGE (
±V)
2
40
100
120
12
16
LT1228 • TPC12
4
06
8
10
14
18
0
20
60
140
160
180
80
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 750Ω
RF = 1k
RF = 2k
RF = 500Ω
FREQUENCY (MHz)
0
2
4
6
8
0.1
10
100
LT1228 • TPC10
–2
1
7
5
3
1
–1
180
90
0
45
135
225
PHASE
GAIN
VS = ±15V
RL = 100Ω
RF = 750Ω
Voltage Gain and Phase vs
–3dB Bandwidth vs Supply
–3dB Bandwidth vs Supply
Frequency, Gain = 20dB
Voltage, Gain = 10, RL = 100Ω
Voltage, Gain = 10, RL = 1kΩ
FREQUENCY (MHz)
14
16
18
20
22
0.1
10
100
LT1228 • TPC13
12
1
21
19
17
15
13
180
90
0
45
135
225
PHASE
GAIN
VS = ±15V
RL = 100Ω
RF = 750Ω
SUPPLY VOLTAGE (
±V)
2
40
100
120
12
16
LT1228 • TPC14
4
06
8
10
14
18
0
20
60
140
160
180
RF = 500Ω
80
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 750Ω
RF = 1k
RF = 2k
RF = 250Ω
SUPPLY VOLTAGE (
±V)
2
40
100
120
12
16
LT1228 • TPC15
4
06
8
10
14
18
0
20
60
140
160
180
RF = 500Ω
80
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 750Ω
RF = 1k
RF = 2k
RF = 250Ω
Voltage Gain and Phase vs
–3dB Bandwidth vs Supply
–3dB Bandwidth vs Supply
Frequency, Gain = 40dB
Voltage, Gain = 100, RL = 100Ω
Voltage, Gain = 100, RL = 1kΩ
SUPPLY VOLTAGE (
±V)
2
4
10
12
12
16
LT1228 • TPC18
4
06
8
10
14
18
0
2
6
14
16
18
RF = 500Ω
8
RF = 1k
RF = 2k
SUPPLY VOLTAGE (
±V)
2
4
10
12
12
16
LT1228 • TPC17
4
06
8
10
14
18
0
2
6
14
16
18
RF = 500Ω
8
RF = 1k
RF = 2k
FREQUENCY (MHz)
34
36
38
40
42
0.1
10
100
LT1228 • TPC16
32
1
41
39
37
35
33
180
90
0
45
135
225
PHASE
GAIN
VS = ±15V
RL = 100Ω
RF = 750Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com