Electronic Components Datasheet Search
  English  ▼

X  

LT1228CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1228CS8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1228CS8 Datasheet HTML 5Page - Linear Technology LT1228CS8 Datasheet HTML 6Page - Linear Technology LT1228CS8 Datasheet HTML 7Page - Linear Technology LT1228CS8 Datasheet HTML 8Page - Linear Technology LT1228CS8 Datasheet HTML 9Page - Linear Technology LT1228CS8 Datasheet HTML 10Page - Linear Technology LT1228CS8 Datasheet HTML 11Page - Linear Technology LT1228CS8 Datasheet HTML 12Page - Linear Technology LT1228CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1228
1228fc
S
APPLICATI
I FOR ATIO
The LT1228 contains two amplifiers, a transconductance
amplifier (voltage-to-current) and a current feedback am-
plifier (voltage-to-voltage). The gain of the transconduc-
tance amplifier is proportional to the current that is exter-
nally programmed into Pin 5. Both amplifiers are designed
to operate on almost any available supply voltage from 4V
(
±2V) to 30V (±15V). The output of the transconductance
amplifier is connected to the noninverting input of the
current feedback amplifier so that both fit into an eight pin
package.
TRANSCONDUCTANCE AMPLIFIER
The LT1228 transconductance amplifier has a high imped-
ance differential input (Pins 2 and 3) and a current source
output (Pin 1) with wide output voltage compliance. The
voltage to current gain or transconductance (gm) is set by
the current that flows into Pin 5, ISET. The voltage at Pin 5
is two forward biased diode drops above the negative
supply, Pin 4. Therefore the voltage at Pin 5 (with
respect to V–) is about 1.2V and changes with the log of
the set current (120mV/decade), see the characteristic
curves. The temperature coefficient of this voltage is
about –4mV/
°C (–3300ppm/°C) and the temperature co-
efficient of the logging characteristic is 3300ppm/
°C. It is
important that the current into Pin 5 be limited to less than
15mA. THE LT1228 WILL BE DESTROYED IF PIN 5 IS
SHORTED TO GROUND OR TO THE POSITIVE SUPPLY. A
limiting resistor (2k or so) should be used to prevent more
than 15mA from flowing into Pin 5.
The small-signal transconductance (gm) is equal to ten
times the value of ISET (in mA/mV) and this relationship
holds over many decades of set current (see the character-
istic curves). The transconductance is inversely propor-
tional to absolute temperature (–3300ppm/
°C). The input
stage of the transconductance amplifier has been de-
signed to operate with much larger signals than is possible
with an ordinary diff-amp. The transconductance of the
input stage varies much less than 1% for differential input
signals over a
±30 mV range (see the characteristic curve
Small-Signal Transconductance vs DC Input Voltage).
Resistance Controlled Gain
If the set current is to be set or varied with a resistor or
potentiometer it is possible to use the negative tempera-
ture coefficient at Pin 5 (with respect to Pin 4) to compen-
sate for the negative temperature coefficient of the transcon-
ductance. The easiest way is to use an LT1004-2.5, a 2.5V
reference diode, as shown below:
The current flowing into Pin 5 has a positive temperature
coefficient that cancels the negative coefficient of the
transconductance. The following derivation shows why a
2.5V reference results in zero gain change with tempera-
ture:
Since g
q
kT
I
I
and V
E
akT
q
where a
In
cT
Ic
at
C c
n
Ic
A
m
SET
SET
be
g
n
=×
=
==
⎛
⎝
⎜
⎞
⎠
⎟
≈
°=
=
=
()
387
10
19 4
27
0 001
3
100
.
•
–
..
,
,
µ
Eg is about 1.25V so the 2.5V reference is 2Eg. Solving
the loop for the set current gives:
I
EE
akT
q
R
or I
akT
Rq
SET
gg
SET
=
⎛
⎝⎜
⎞
⎠⎟
=
22
2
––
Temperature Compensation of gm with a 2.5V Reference
LT1228 ¥ TA04
LT1004-2.5
V–
gm
5
4
R
ISET
ISET
R
Vbe
Vbe
2.5V
2Eg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com