Electronic Components Datasheet Search
  English  ▼

X  

LT1228CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1228CS8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1228CS8 Datasheet HTML 12Page - Linear Technology LT1228CS8 Datasheet HTML 13Page - Linear Technology LT1228CS8 Datasheet HTML 14Page - Linear Technology LT1228CS8 Datasheet HTML 15Page - Linear Technology LT1228CS8 Datasheet HTML 16Page - Linear Technology LT1228CS8 Datasheet HTML 17Page - Linear Technology LT1228CS8 Datasheet HTML 18Page - Linear Technology LT1228CS8 Datasheet HTML 19Page - Linear Technology LT1228CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1228
1228fc
Single Supply Wien Bridge Oscillator
LT1228 • TA14
–
+
–
+
gm
CFA
VO
8
3
2
5
RF
680
Ω
RG
20
Ω
4
1
6
V+
7
10k
Ω
10k
Ω
1.8k
160
Ω
1000pF
1000pF
160
Ω
+
10
µF
+
10
µF
V+
470
Ω +
10
µF
100
Ω
0.1
µF
51
Ω
50
Ω
2N3906
6V TO 30V
f = 1MHz
FOR 5V OPERATION SHORT OUT 100
Ω RESISTOR
VO = 6dBm (450mVRMS)
2nd HARMONIC = –38dBc
3rd HARMONIC = –54 dBc
In this application the LT1228 is biased for operation from
a single supply. An artificial signal ground at half supply
voltage is generated with two 10k resistors and bypassed
with a capacitor. A capacitor is used in series with RG to set
the DC gain of the current feedback amplifier to unity.
The transconductance amplifier is used as a variable
resistor to control gain. A variable resistor is formed by
driving the inverting input and connecting the output back
to it. The equivalent resistor value is the inverse of the gm.
This works with the 1.8k resistor to make a variable
attenuator. The 1MHz oscillation frequency is set by the
Wien bridge network made up of two 1000pF capacitors
and two 160
Ω resistors.
For clean sine wave oscillation, the circuit needs a net gain
of one around the loop. The current feedback amplifier has
a gain of 34 to keep the voltage at the transconductance
amplifier input low. The Wien bridge has an attenuation of
3 at resonance; therefore the attenuation of the 1.8k
resistor and the transconductance amplifier must be about
11, resulting in a set current of about 600
µA at oscillation.
At start-up there is no set current and therefore no attenu-
ation for a net gain of about 11 around the loop. As the
output oscillation builds up it turns on the PNP transistor
which generates the set current to regulate the output
voltage.
12MHz Negative Resistance LC Oscillator
LT1228 • TA15
–
+
–
+
gm
CFA
VO
8
3
2
1k
330
Ω
4
1
6
V+
7
1k
30pF
51
Ω
50
Ω
VO = 10dB
AT VS = ±5V ALL HARMONICS 40dB DOWN
AT VS = ±12V ALL HARMONICS 50dB DOWN
9.1k
750
Ω
V–
5
4.3k
4.7
µH
10k
0.1
µF
V–
2N3904
2N3906
This oscillator uses the transconductance amplifier as a
negative resistor to cause oscillation. A negative resistor
results when the positive input of the transconductance
amplifier is driven and the output is returned to it. In this
example a voltage divider is used to lower the signal level
at the positive input for less distortion. The negative
resistor will not DC bias correctly unless the output of the
transconductance amplifier drives a very low resistance.
Here it sees an inductor to ground so the gain at DC is zero.
The oscillator needs negative resistance to start and that
is provided by the 4.3k resistor to Pin 5. As the output level
rises it turns on the PNP transistor and in turn the NPN
which steals current from the transconductance amplifier
bias input.
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com