Electronic Components Datasheet Search
  English  ▼

X  

LT1228CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1228CS8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1228CS8 Datasheet HTML 8Page - Linear Technology LT1228CS8 Datasheet HTML 9Page - Linear Technology LT1228CS8 Datasheet HTML 10Page - Linear Technology LT1228CS8 Datasheet HTML 11Page - Linear Technology LT1228CS8 Datasheet HTML 12Page - Linear Technology LT1228CS8 Datasheet HTML 13Page - Linear Technology LT1228CS8 Datasheet HTML 14Page - Linear Technology LT1228CS8 Datasheet HTML 15Page - Linear Technology LT1228CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1228
1228fc
the family of curves that result from various values of the
feedback resistor. These curves use a solid line when the
response has less than 0.5dB of peaking and a dashed line
for the response with 0.5dB to 5dB of peaking. The curves
stop where the response has more than 5dB of peaking.
Current Feedback Amp Small-Signal Response
VS = ±15V, RF = RG = 750Ω, RL = 100Ω
At a gain of two, on
±15V supplies with a 750Ω feedback
resistor, the bandwidth into a light load is over 160MHz
without peaking, but into a heavy load the bandwidth
reduces to 100MHz. The loading has so much effect
because there is a mild resonance in the output stage that
enhances the bandwidth at light loads but has its Q
reduced by the heavy load. This enhancement is only
useful at low gain settings, at a gain of ten it does not boost
the bandwidth. At unity gain, the enhancement is so
effective the value of the feedback resistor has very little
effect on the bandwidth. At very high closed-loop gains,
the bandwidth is limited by the gain-bandwidth product of
about 1GHz. The curves show that the bandwidth at a
closed-loop gain of 100 is 10MHz, only one tenth what it
is at a gain of two.
Capacitance on the Inverting Input
Current feedback amplifiers want resistive feedback from
the output to the inverting input for stable operation. Take
care to minimize the stray capacitance between the output
and the inverting input. Capacitance on the inverting input
to ground will cause peaking in the frequency response
(and overshoot in the transient response), but it does not
degrade the stability of the amplifier. The amount of
capacitance that is necessary to cause peaking is a func-
tion of the closed-loop gain taken. The higher the gain, the
more capacitance is required to cause peaking. For ex-
ample, in a gain of 100 application, the bandwidth can be
increased from 10MHz to 17MHz by adding a 2200pF
capacitor, as shown below. CG must have very low series
resistance, such as silver mica.
LT1228 • TA08
–
+
CG
RG
5.1
Ω
RF
510
Ω
VOUT
CFA
VIN
6
1
8
Boosting Bandwidth of High Gain Amplifier
with Capacitance On Inverting Input
FREQUENCY (MHz)
1
19
22
25
28
31
46
49
10
100
LT1228 • TA09
34
37
40
43
CG = 4700pF
CG = 2200pF
CG = 0
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com