Electronic Components Datasheet Search
  English  ▼

X  

LT1228CS8 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1228CS8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228CS8 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1228CS8 Datasheet HTML 12Page - Linear Technology LT1228CS8 Datasheet HTML 13Page - Linear Technology LT1228CS8 Datasheet HTML 14Page - Linear Technology LT1228CS8 Datasheet HTML 15Page - Linear Technology LT1228CS8 Datasheet HTML 16Page - Linear Technology LT1228CS8 Datasheet HTML 17Page - Linear Technology LT1228CS8 Datasheet HTML 18Page - Linear Technology LT1228CS8 Datasheet HTML 19Page - Linear Technology LT1228CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1228
1228fc
Voltage Controlled State Variable Filter
TYPICAL APPLICATIO S
The state variable filter has both lowpass and bandpass
outputs. Each LT1228 is configured as a variable integra-
tor whose frequency is set by the attenuators, the capaci-
tors and the set current. Because the integrators have both
positive and negative inputs, the additional op amp nor-
mally required is not needed. The input attenuators set the
circuit up to handle 3VP–P signals.
The set current is generated with a simple circuit that gives
logarithmic voltage to current control. The two PNP tran-
sistors should be a matched pair in the same package for
best accuracy. If discrete transistors are used, the 51k
resistor should be trimmed to give proper frequency
response with VC equal zero. The circuit generates 100µA
for VC equal zero volts and doubles the current for every
additional volt. The two 3k resistors divide the current
between the two LT1228s. Therefore the set current of
each amplifier goes from 50
µA to 800µA for a control
voltage of 0V to 4V. The resulting filter is at 100kHz for VC
equal zero, and changes it one octave/V of control input.
LT1228 • TA18
–
+
–
+
gm
CFA
LOWPASS
OUTPUT
8
3
2
1k
4
1
6
100
Ω
18pF
–5V
3.3k
7
5
–
+
–
+
gm
CFA
BANDPASS
OUTPUT
8
3
2
1k
4
1
6
100
Ω
18pF
–5V
3.3k
7
5
100
Ω
VIN
5V
5V
3k
3k
–
+
100pF
LT1006
1k
180
Ω
10k
VC
51k
–5V
2N3906
3.3k
3.3k
fO = 100kHz AT VC = 0V
fO = 200kHz AT VC = 1V
fO = 400kHz AT VC = 2V
fO = 800kHz AT VC = 3V
fO = 1.6MHz AT VC = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com