Electronic Components Datasheet Search
  English  ▼

X  

LT1228CS8 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1228CS8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228CS8 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1228CS8 Datasheet HTML 12Page - Linear Technology LT1228CS8 Datasheet HTML 13Page - Linear Technology LT1228CS8 Datasheet HTML 14Page - Linear Technology LT1228CS8 Datasheet HTML 15Page - Linear Technology LT1228CS8 Datasheet HTML 16Page - Linear Technology LT1228CS8 Datasheet HTML 17Page - Linear Technology LT1228CS8 Datasheet HTML 18Page - Linear Technology LT1228CS8 Datasheet HTML 19Page - Linear Technology LT1228CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1228
1228fc
Using the variable transconductance of the LT1228 to
make variable filters is easy and predictable. The most
straight forward way is to make an integrator by putting a
capacitor at the output of the transconductance amp and
buffering it with the current feedback amplifier. Because
the input bias current of the current feedback amplifier
must be supplied by the transconductance amplifier, the
set current should not be operated below 10
µA.Thislimits
the filters to about a 100:1 tuning range.
The Single Pole circuit realizes a single pole filter with a
corner frequency (fC) proportional to the set current. The
values shown give a 100kHz corner frequency for 100
µA
set current. The circuit has two inputs, a lowpass filter
input and a highpass filter input. To make a lowpass filter,
ground the highpass input and drive the lowpass input.
Conversely for a highpass filter, ground the lowpass input
and drive the highpass input. If both inputs are driven, the
result is an allpass filter or phase shifter. The allpass has
flat amplitude response and 0
° phase shift at low frequen-
cies, going to –180
° at high frequencies. The allpass filter
has –90
° phase shift at the corner frequency.
TYPICAL APPLICATIO S
Filters
Single Pole Low/High/Allpass Filter
Allpass Filter Phase Response
FREQUENCY (Hz)
10k
–90
–45
0
100k
1M
10M
LT1228 • TA17
–135
–180
1mA SET CURRENT
100
µA SET CURRENT
LT1228 • TA16
–
+
–
+
gm
CFA
VOUT
8
3
2
RF
1k
R2
120
Ω
5
1
6
R3
120
Ω
C
330pF
fC =
×
×
×
R3A
1k
ISET
RG
1k
R2A
1k
VIN
LOWPASS
INPUT
VIN
HIGHPASS
INPUT
fC = 109 ISET FOR THE VALUES SHOWN
10
2
π
ISET
C
RF + 1
RG
R2
R2 + R2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com