Electronic Components Datasheet Search
  English  ▼

X  

AD3541R Datasheet(PDF) 34 Page - Analog Devices

Part # AD3541R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3541R Datasheet(HTML) 34 Page - Analog Devices

Back Button AD3541R Datasheet HTML 30Page - Analog Devices AD3541R Datasheet HTML 31Page - Analog Devices AD3541R Datasheet HTML 32Page - Analog Devices AD3541R Datasheet HTML 33Page - Analog Devices AD3541R Datasheet HTML 34Page - Analog Devices AD3541R Datasheet HTML 35Page - Analog Devices AD3541R Datasheet HTML 36Page - Analog Devices AD3541R Datasheet HTML 37Page - Analog Devices AD3541R Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Data Sheet
AD3541R
THEORY OF OPERATION
analog.com
Rev. A | 34 of 59
Register Map SPI Access Modes
The register map is divided in two regions, primary and secondary.
The registers related to interface configuration, DAC configuration,
and error flags are comprised in the primary region from Address
0x0 to Address 0x1E. This region can only be accessed in classic
SPI mode with or without DDR, regardless of the value of MUL-
TI_IO_MODE in the TRANSFER_REGISTER.
The registers affecting the output value of the DAC are comprised
in the secondary region from Address 0x28 to Address 0x4B. This
region can be accessed in any of the SPI modes, with or without
DDR.
Figure 92. Register Access Modes
SDIO Drive Strength
The driving strength of the SDIO lines on the SDO/SDIO1, and
SDI/SDIO0 pins can be configured to four different levels by setting
the SDIO_DRIVE_STRENGTH bits in the INTERFACE_CONFIG_D
register.
Higher drive strength value corresponds to a faster signal slew rate,
as shown in Figure 93. However, higher slew rate means higher
peak current and higher digital noise in the system. The default
value is medium low strength.
Figure 93. Driving Strength Options
DAC UPDATE MODES
There are several ways to update the DAC output, synchronously
or asynchronously, directly or indirectly.
A synchronous update occurs when the change of the DAC output
is triggered by an external signal, such as LDAC, which can be
common to many devices. In this case, the controller loads a value
in the input register that is later transferred to the DAC register
on the falling edge of the LDAC signal, causing the simultaneous
update of all VOUT signals.
To update the DAC using the LDAC signal, the
HW_LDAC_MASK_CH0 bit in the HW_LDAC_16B or
HW_LDAC_24B register, depending on the precision mode, must
be set to 0.
An asynchronous update occurs when the change of the DAC
output follows an operation on the register set. In this case, the
change is aligned with the SCLK edge that shifts the last register
bit in. The several combinations to update the DAC output are
described in Table 13.
Page mask registers are provided for compatibility with the multi-
channel devices, AD3552R and AD3542R. To update the DAC
using the page registers, the value of the SEL_CH0 bit in the
CH_SELECT_16B or CH_SELECT_24B register must be set to
1. Writing to the DAC_PAGE register transfers the data to the
CH0_DAC register and writing to the INPUT_PAGE register trans-
fers the data to the CH0_INPUT register. The data flow between
registers is summarized in Figure 94.
Figure 94. DAC Data Flow Between Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com