Electronic Components Datasheet Search
  English  ▼

X  

AD3541R Datasheet(PDF) 24 Page - Analog Devices

Part # AD3541R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3541R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD3541R Datasheet HTML 20Page - Analog Devices AD3541R Datasheet HTML 21Page - Analog Devices AD3541R Datasheet HTML 22Page - Analog Devices AD3541R Datasheet HTML 23Page - Analog Devices AD3541R Datasheet HTML 24Page - Analog Devices AD3541R Datasheet HTML 25Page - Analog Devices AD3541R Datasheet HTML 26Page - Analog Devices AD3541R Datasheet HTML 27Page - Analog Devices AD3541R Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
Data Sheet
AD3541R
TERMINOLOGY
analog.com
Rev. A | 24 of 59
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy or integral nonlinearity is a meas-
urement of the maximum deviation, in LSBs, from a straight line
passing through the endpoints of the DAC transfer function.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes.
Offset Error
Offset error is the vertical deviation from the ideal transfer func-
tion after the gain error has been compensated. Offset error is
expressed in mV. In the AD3541R, offset error is measured at
midscale. The comparison between the ideal output and the actual
output is performed at midscale.
Offset Error Drift
The offset error drift is a measurement of the relative variation of
the offset with temperature. It is expressed in ppm/°C. Total offset at
a given temperature is calculated as
OffsetT=Offset25°C+TC×T−25×VRANGE
106
Full-Scale and Zero-Scale Error
These errors measure the deviation from the ideal value at full
scale and zero scale, at 25°C. The error is expressed as % of
full-scale range (FSR). In the case of the AD3541R, the ideal
value is calculated as the average of a sufficiently high number of
samples.
Full-Scale and Zero-Scale Error Drift
These parameters measure the variation of the zero-scale and
full-scale voltage as a function of the temperature, relative to the
ideal zero-scale and full-scale voltages. They are expressed in
ppm/°C. The total deviation over temperature is calculated using
the same formula used for the offset.
DC PSRR and AC PSRR
PSRR indicates how the output of the DAC is affected by changes
in the supply voltage. PSRR is the ratio of the change in VOUT to a
change in the supplies for midscale output of the DAC. DC PSRR is
measured in mV/V, and AC PSRR is measured in dB. VREF is held
at 2.5 V, and the supplies are varied by ±200 mV p-p.
Output Voltage Settling Time
Output voltage settling time is the amount of time it takes for the
output of a DAC to settle to a specified level within a given accuracy
for a given step change. Typically, it is evaluated for a small step
and a large step to account for the effect of amplifier slewing.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV × sec
and is measured when the digital input code is changed by 1 LSB.
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into the
analog output of the DAC from the digital inputs of the DAC, but it is
measured when the DAC output is not updated. Digital feedthrough
is specified in nV × sec and measured with a full-scale code change
on the data bus, which means from all 0s to all 1s and vice versa.
Output Noise Spectral Density
Noise spectral density is a measurement of the internally generat-
ed random noise. Noise is measured at the DAC output when
it is loaded with the midscale code and using an ideal external
reference. Noise is also measured at the output of the internal
reference, if available. Noise density is expressed in nV/
Hz.
Figure 30 depicts the spectral density of the noise in the 1/f region
and the flat (broadband) region, whereas the specification quoted in
Table 2 pertains to the flat region.
Total Harmonic Distortion (THD)
THD is the difference between the sine wave played by the DAC
and an ideal sine wave of the same frequency and amplitude. The
deviation from an ideal sine wave is due to time and amplitude
discretization and nonlinear distortion. THD is measured as the
power ratio of the sum of harmonic components to the fundamental
component. It is expressed in dB.
Voltage Reference Temperature Coefficient
(TC)
Voltage reference TC is a measure of the change in the reference
output voltage with a change in temperature. The reference TC
is calculated using the box method, which defines the TC as the
maximum change in the reference output over a given temperature
range expressed in ppm/°C, as shown in the following equation:
TC =  VREF_MAX − VREF_MIN
VREF_NOM × TEMP_RANGE
×106 (1)
where:
VREF_MAX is the maximum reference output measured over the total
temperature range.
VREF_MIN is the minimum reference output measured over the total
temperature range.
VREF_NOM is the nominal reference output voltage, 2.5 V.
TEMP_RANGE is the specified temperature range, −40°C to
+105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com