Electronic Components Datasheet Search
  English  ▼

X  

AD3541R Datasheet(PDF) 7 Page - Analog Devices

Part # AD3541R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3541R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD3541R Datasheet HTML 3Page - Analog Devices AD3541R Datasheet HTML 4Page - Analog Devices AD3541R Datasheet HTML 5Page - Analog Devices AD3541R Datasheet HTML 6Page - Analog Devices AD3541R Datasheet HTML 7Page - Analog Devices AD3541R Datasheet HTML 8Page - Analog Devices AD3541R Datasheet HTML 9Page - Analog Devices AD3541R Datasheet HTML 10Page - Analog Devices AD3541R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Data Sheet
AD3541R
SPECIFICATIONS
analog.com
Rev. A | 7 of 59
Table 4. (Continued)
Parameter1, 2
Description
Min
Typ
Max
Unit
Test Conditions/Comments
25
ns
1.1 < VLOGIC < 1.7
t10
SCLK sampling edge to LDAC falling edge
7.6
ns
t11
LDAC pulse width low
7.6
ns
t12
CS rising edge to SDO disabled
50
ns
t13
LDAC rising edge to CS falling edge
5
ns
t14
RESET pulse width low
10
ns
t14 to t19 shown in Figure 8
t15
RESET pulse activation time
100
ns
t16
VOUTx update from CHx_DAC register write
12.6
ns
t17
VOUT update from LDAC falling edge
5
ns
t184
Wait time before DAC register access
100
ms
t195
Shutdown exit time
5
ms
Update Rate
Dual SPI mode, DDR and streaming enabled, precision mode
11
MUPS6
Dual SPI mode, DDR and streaming enabled, fast mode
16.5
MUPS6
1 All input signals are specified with tR = tF = 1 ns/V (10% to 90%) and timed from a voltage level of (VIL + VIH)/2.
2 Guaranteed by design and characterization, not production tested.
3 The SCLK sampling edge refers to the SCLK edge where the data is read in (sampled).
4 Same timing must be expected at power-up from the instant that AVDD = 4 V or DVDD = 0.8 V.
5 Time required to exit power-down to normal mode.
6 MUPS is mega updates per second.
Timing Diagrams
Figure 2. Classic SPI Write Operation with Single Data Rate
Figure 3. Classic SPI Read Operation with Single Data Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com