Electronic Components Datasheet Search
  English  ▼

X  

AD3541R Datasheet(PDF) 11 Page - Analog Devices

Part # AD3541R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3541R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD3541R Datasheet HTML 7Page - Analog Devices AD3541R Datasheet HTML 8Page - Analog Devices AD3541R Datasheet HTML 9Page - Analog Devices AD3541R Datasheet HTML 10Page - Analog Devices AD3541R Datasheet HTML 11Page - Analog Devices AD3541R Datasheet HTML 12Page - Analog Devices AD3541R Datasheet HTML 13Page - Analog Devices AD3541R Datasheet HTML 14Page - Analog Devices AD3541R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Data Sheet
AD3541R
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 11 of 59
Figure 9. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
DVDD
S
Digital Core Power Supply. 1.8 V ± 5%.
2
VLOGIC
S
Digital Interface Power Supply. 1.2 V to 1.8 V.
3
CS
DI
Chip Select, Active Low Logic Input. This is the frame synchronization signal for the input data.
4
SCLK
DI
Serial Clock Input.
5
SDI/SDIO0
DI/O
Serial Data Input in Classic SPI Mode.
Serial Bidirectional Input/Output Bit 0 in Dual SPI Mode.
6
SDO/SDIO1
DI/O
Serial Data Output in Classic SPI Mode.
Serial Bidirectional Input/Output Bit 1 in Dual SPI Mode.
7
LDAC
DI
Load DAC, Active Low Logic Input. LDAC can be operated in two modes: synchronous or asynchronous. Pulsing this pin low
causes the DAC register to update if the input register has new data. If this pin is tied permanently low, the DAC automatically
updates when new data is written to the input register.
8
RESET
DI
Asynchronous Reset Input. Active low logic input. When RESET is low, all registers are reset to their default values and the activity
on the digital interface is ignored. The AD3541R incorporates a power-on reset (POR) circuit. If this pin is not used, it must be tied
to VLOGIC.
9
ALERT
DO
Alert Pin. Active low logic output. This pin is driven low if an alert condition is detected and it is not masked by the corresponding bit
in the mask register. This pin has an internal configurable pull-up resistor.
10, 26
AGND
S
Analog Ground Reference. It is recommended to connect DGND and AGND to the same ground plane under the device.
11 to 15, 28 DNC
Do Not Connect. Leave these pins floating.
16
PVDD
S
Positive Supply Voltage for Output Amplifier.
17
AVDD
S
Analog Power Supply. 5 V ± 5%.
18
VREF
AI/O
Voltage Reference, 2.5 V. Input when using the external reference, and output or floating when using the internal reference.
19
CVREF
AI/O
Decoupling Capacitor for Internal Reference, Optional.
20
VOUT0
AI/O
Analog Output Voltage for Channel 0.
21
RFB4_0
AI/O
Hardware Gain Selection for Channel 0, Gain = 4.
22
RFB2_0
AI/O
Hardware Gain Selection for Channel 0, Gain = 2.
23
RFB1_0
AI/O
Hardware Gain Selection for Channel 0, Gain = 1.
24
CAP0
AI/O
Amplifier Feedback Capacitor for Channel 0. Connect a capacitor (NP0 recommended) between this pin and VOUT0 to adjust the
amplifier bandwidth.
25
PVSS
S
Negative Rail for Output Amplifier.
27
DGND
S
Digital Ground Reference. It is recommended to connect DGND and AGND to the same ground plane under the device.
1 S = supply, DI = digital input, DO = digital output, and AI/O = analog input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com