Electronic Components Datasheet Search
  English  ▼

X  

AD3541R Datasheet(PDF) 4 Page - Analog Devices

Part # AD3541R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3541R Datasheet(HTML) 4 Page - Analog Devices

  AD3541R Datasheet HTML 1Page - Analog Devices AD3541R Datasheet HTML 2Page - Analog Devices AD3541R Datasheet HTML 3Page - Analog Devices AD3541R Datasheet HTML 4Page - Analog Devices AD3541R Datasheet HTML 5Page - Analog Devices AD3541R Datasheet HTML 6Page - Analog Devices AD3541R Datasheet HTML 7Page - Analog Devices AD3541R Datasheet HTML 8Page - Analog Devices AD3541R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
Data Sheet
AD3541R
SPECIFICATIONS
analog.com
Rev. A | 4 of 59
ELECTRICAL CHARACTERISTICS
AVDD = 5.0 V ± 5%, DVDD = 1.8 V ± 5%, 1.1 V ≤ VLOGIC ≤ 1.9 V, VREF = 2.5 V, 4.75 V ≤ PVDD − PVSS ≤ 10.6 V, 4.75 V ≤ PVDD ≤ 10.6 V, −5.3 V ≤
PVSS ≤ 0 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted.
Table 2.
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
16
Bits
Relative Accuracy (INL)
−2
+2
LSB
AD3541R-16, 5 V range only
−4
+4
LSB
AD3541R-16, all other ranges2
−1
+1
LSB
AD3541R-12, all ranges
Differential Nonlinearity (DNL)
−1
+1
LSB
AD3541R-16, precision mode: −40°C to +105°C, fast
mode: 0°C to 85°C
−2
+2
LSB
AD3541R-16, fast mode: −40°C to +105°C
−2
+2
LSB
AD3541R-16, 0 V to 2.5 V range, fast or precision mode2
−0.5
+0.5
LSB
AD3541R-12, all ranges
Offset Error
−0.15
+0.03
+0.15
%FSR
Midscale (MS), 25°C
Offset Error Drift2
2
7
ppm FSR/°C
0 V to 5 V, 0 V to 10 V, and −2.5 V to +7.5 V ranges
4
11
ppm FSR/°C
0 V to 2.5 V and −5 V to +5 V ranges
Full-Scale Error
−0.3
±0.03
+0.3
%FSR
25°C
Full-Scale Error Drift2
2
7
ppm FSR/°C
0 V to 5 V, 0 V to 10 V, and −2.5 V to +7.5 V ranges
3
8
ppm FSR/°C
0 V to 2.5 V and −5 V to +5 V ranges
Zero-Scale Error3
−0.35
−0.03
+0.35
%FSR
25°C
Zero-Scale Error Drift2
3
7
ppm FSR/°C
0 V to 5 V, 0 V to 10 V, and −2.5 V to +7.5 V ranges
5
12
ppm FSR/°C
0 V to 2.5 V and −5 V to +5 V ranges
Total Unadjusted Error (TUE)
−0.5
+0.5
%FSR
DC Power Supply Rejection Ratio (PSRR)
0.6
mV/V
DAC code = midscale
OUTPUT CHARACTERISTICS
Zero-Scale Voltage4
VOUTx_ZS
All 0s loaded into the DAC register, 25°C
0 V to 2.5 V Range
−0.198
V
0 V to 5 V Range
−0.077
V
0 V to 10 V Range
−0.163
V
−5 V to +5 V Range
−5.163
V
−2.5 V to +7.5 V Range
−2.666
V
Full-Scale Voltage4
VOUTx_FS
All 1s loaded into the DAC register, 25°C
0 V to 2.5 V Range
2.697
V
0 V to 5 V Range
5.076
V
0 V to 10 V Range
10.163
V
−5 V to +5 V Range
5.166
V
−2.5 V to +7.5 V Range
7.662
V
Short-Circuit Current
73 and
85
mA
Sourcing and sinking
Load Regulation
10
μV/mA
Capacitive Load Stability
200
pF
2 kΩ in parallel with capacitor
REFERENCE OUTPUT
Output Voltage
2.492
2.5
2.508
V
At 25°C, over lifetime
Voltage Reference Temperature
Coefficient (TC)5
3
3
10
15
ppm/°C
ppm/°C
0°C to 105°C
−40°C to +105°C
Output Impedance
50
mΩ
Output Voltage Noise
3.2
µV rms
0.1 Hz to 10 Hz, no load on VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com