Electronic Components Datasheet Search
  English  ▼

X  

AD3541R Datasheet(PDF) 13 Page - Analog Devices

Part # AD3541R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3541R Datasheet(HTML) 13 Page - Analog Devices

Back Button AD3541R Datasheet HTML 9Page - Analog Devices AD3541R Datasheet HTML 10Page - Analog Devices AD3541R Datasheet HTML 11Page - Analog Devices AD3541R Datasheet HTML 12Page - Analog Devices AD3541R Datasheet HTML 13Page - Analog Devices AD3541R Datasheet HTML 14Page - Analog Devices AD3541R Datasheet HTML 15Page - Analog Devices AD3541R Datasheet HTML 16Page - Analog Devices AD3541R Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
Data Sheet
AD3541R
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 13 of 59
Figure 16. AD3541R-16 INL vs. Code, 0 V to 5 V Range, 25°C, Fast Mode and
Precision Mode
Figure 17. AD3541R-16 INL vs. Code, 0 V to 5 V Range, 85°C, Fast Mode and
Precision Mode
Figure 18. AD3541R-16 INL vs. Code, 0 V to 5 V Range, 105°C, Fast Mode and
Precision Mode
Figure 19. AD3541R-12 INL vs. Code vs. Temperature, 0 V to 5 V Range
Figure 20. AD3541R-16 DNL vs. Range, Fast Mode and Precision Mode
Figure 21. AD3541R-16 INL vs. Range, Fast Mode and Precision Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com