Electronic Components Datasheet Search
  English  ▼

X  

AD3541R Datasheet(PDF) 42 Page - Analog Devices

Part # AD3541R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3541R Datasheet(HTML) 42 Page - Analog Devices

Back Button AD3541R Datasheet HTML 38Page - Analog Devices AD3541R Datasheet HTML 39Page - Analog Devices AD3541R Datasheet HTML 40Page - Analog Devices AD3541R Datasheet HTML 41Page - Analog Devices AD3541R Datasheet HTML 42Page - Analog Devices AD3541R Datasheet HTML 43Page - Analog Devices AD3541R Datasheet HTML 44Page - Analog Devices AD3541R Datasheet HTML 45Page - Analog Devices AD3541R Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
Data Sheet
AD3541R
REGISTERS
analog.com
Rev. A | 42 of 59
Interface Configuration B Register
Address: 0x01, Reset: 0x08, Name: INTERFACE_CONFIG_B
Additional interface configuration settings.
Table 19. Bit Descriptions for INTERFACE_CONFIG_B
Bits
Bit Name
Settings
Description
Reset
Access
7
SINGLE_INSTRUCTION
Access Mode Bit. Select streaming mode or single instruction mode.
0x0
R/W
0 Streaming mode. The address increments/decrements as successive data
bytes are received according to the ADDR_DIRECTION bit setting in
the INTERFACE_CONFIG_A register and the LENGTH bits setting in the
STREAM_MODE register.
1 Single instruction mode.
[6:4]
RESERVED
Reserved.
0x0
R
3
SHORT_INSTRUCTION
Short Instruction Bit. Sets the length of the address in the instruction phase
to 7 bits or 15 bits.
0x1
R/W
0 15-bit addressing.
1 7-bit addressing.
[2:0]
RESERVED
Reserved.
0x0
R
Device Configuration Register
Address: 0x02, Reset: 0x00, Name: DEVICE_CONFIG
This register is intended for compatibility with the standardized register map and it has no effect on this device.
Table 20. Bit Descriptions for DEVICE_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
7
DEVICE_STATUS_3
Device Status Bit 3.
0x0
R
6
DEVICE_STATUS_2
Device Status Bit 2.
0x0
R
5
DEVICE_STATUS_1
Device Status Bit 1.
0x0
R
4
DEVICE_STATUS_0
Device Status Bit 0.
0x0
R
[3:2]
CUSTOM_MODES
Modes of Operation.
0x0
R
[1:0]
OPERATING_MODES
Power Modes.
0x0
R
0 Normal operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com