Electronic Components Datasheet Search
  English  ▼

X  

AD5674 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5674 Datasheet HTML 2Page - Analog Devices AD5674 Datasheet HTML 3Page - Analog Devices AD5674 Datasheet HTML 4Page - Analog Devices AD5674 Datasheet HTML 5Page - Analog Devices AD5674 Datasheet HTML 6Page - Analog Devices AD5674 Datasheet HTML 7Page - Analog Devices AD5674 Datasheet HTML 8Page - Analog Devices AD5674 Datasheet HTML 9Page - Analog Devices AD5674 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5674/AD5674R/AD5679/AD5679R
Data Sheet
Rev. B | Page 6 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE OUTPUT
AD5679R-1; AD5679R-2
Output Voltage5
2.4975
2.5025
V
Voltage Reference TC6, 7
2
5
ppm/°C
See the Terminology section
Output Impedance
0.04
Ω
Output Voltage Noise
13
µV p-p
0.1 Hz to 10 Hz
Output Voltage Noise Density
240
nV/√Hz
At TA, f = 10 kHz, CL = 10 nF, gain = 1 or 2
Load Regulation Sourcing
29
µV/mA
At ambient temperature
Load Regulation Sinking
74
µV/mA
At ambient temperature
Output Current Load Capability
±20
mA
VDD ≥ 3 V
Line Regulation
43
µV/V
At ambient temperature
Long-Term Stability Drift
77
ppm
After 1000 hours at 25°C
Thermal Hysteresis
125
ppm
First cycle
25
ppm
Additional cycles
LOGIC INPUTS
Input Current
±1
µA
Per pin
VIN
VINL
0.3 × VLOGIC
V
VINH
0.7 ×
VLOGIC
V
Pin Capacitance
4
pF
LOGIC OUTPUTS (SDO)
VOUT
VOL
0.4
V
ISINK = 200 μA
VOH
VLOGIC −
0.4
V
ISOURCE = 200 μA
Floating State Output Capacitance
9
pF
POWER REQUIREMENTS
VLOGIC
1.62
5.5
V
ILOGIC
1
µA
Power-on, −40°C to +105°C
1.3
µA
Power-on, −40°C to +125°C
0.5
µA
Power-down, −40°C to +105°C
1.3
µA
Power-down, −40°C to +125°C
VDD
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
V
Gain = 2
IDD
VINH = VDD, VINL = GND, VDD = 2.7 V to 5.5 V
Normal Mode8
2.3
2.53
mA
Internal reference off, −40°C to +85°C
3.4
3.8
mA
Internal reference on, −40°C to +85°C
2.3
2.6
mA
Internal reference off
3.4
4.2
mA
Internal reference on
All Power-Down Modes9
2
3.4
µA
Power-down to 1 kΩ, −40°C to +85°C
2
5
µA
Power-down to 1 kΩ, −40°C to +105°C
2
11
µA
Power-down to 1 kΩ, −40°C to +125°C
1
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1, or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 256 to 65,280.
2
VDD = 5 V. The device includes current limiting intended to protect the devices during temporary overload conditions. TJ can be exceeded during current limit.
Operation above the specified maximum operation junction temperature can impair device reliability.
3
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV.
4
Time to exit power-down to normal mode of operation, SYNC rising edge to 90% of DAC midscale value, with output unloaded.
5
Initial accuracy presolder reflow is ±750 µV. Output voltage includes the effects of preconditioning drift. See the Internal Reference Setup section.
6
Reference is trimmed and tested at two temperatures and is characterized from −40°C to +125°C.
7
Voltage reference temperature coefficient is calculated as per the box method. See the Terminology section for further information.
8
Interface inactive. All DACs active. DAC outputs unloaded.
9
All DACs powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com