Electronic Components Datasheet Search
  English  ▼

X  

AD5674 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5674 Datasheet HTML 24Page - Analog Devices AD5674 Datasheet HTML 25Page - Analog Devices AD5674 Datasheet HTML 26Page - Analog Devices AD5674 Datasheet HTML 27Page - Analog Devices AD5674 Datasheet HTML 28Page - Analog Devices AD5674 Datasheet HTML 29Page - Analog Devices AD5674 Datasheet HTML 30Page - Analog Devices AD5674 Datasheet HTML 31Page - Analog Devices AD5674 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD5674/AD5674R/AD5679/AD5679R
Data Sheet
Rev. B | Page 28 of 32
HARDWARE RESET (RESET)
The RESET pin is an active low reset that allows the outputs to
be cleared to zero scale or midscale. The clear code value
depends on the model in use and refers to the power-up voltage.
It is necessary to keep the RESET pin low for a minimum time
(see Table 5) to complete the operation. When the RESET signal
is returned high, the output remains at the cleared value until a
new value is programmed. When the RESET pin is low, the
outputs cannot be updated with a new value. Any events on the
LDAC pin or RESET pin during power-on reset are ignored. If
the RESET pin is pulled low at power-up, the device does not
initialize properly until the pin is released.
POWER-ON RESET INTERNAL CIRCUIT
The AD5674/AD5674R/AD5679/AD5679R contain a power-on
reset circuit that controls the output voltage during power-up.
Depending on the model selected, the output powers up to zero
scale (AD5679R-1, AD5674R-1) or the output powers up to
midscale (AD5679R-2, AD5674R-2). The output remains
powered up at this level until a valid write sequence is made to
the DAC.
SOFTWARE RESET
A software executable reset function is also available that resets
the DAC to the power-on reset code. Command 0110 is
designated for this software reset function. The DAC address
bits must be set to 0x0 and the data bits set to 0x1234 for the
software reset command to execute.
INTERNAL REFERENCE SETUP
The on-chip reference is on at power-up by default. To reduce
the supply current, turn off this reference by setting the software
programmable bit, DB0, in the control register. Table 18 shows
how the state of the bit corresponds to the mode of operation.
Command 0111 is reserved for setting up the internal reference
(see Table 10 and Table 19).
Table 18. Internal Reference Setup Register
Bit
Description
DB2
Reserved
DB0
Reference enable
DB0 = 0: internal reference enabled (default)
DB0 = 1: internal reference disabled
Table 19. 24-Bit Input Shift Register Contents for Internal Reference Setup Command
DB23 (MSB)
DB22
DB21
DB20
DB19 to DB3
DB2
DB1
DB0 (LSB)
0
1
1
1
Don’t care
Reserved
Reserved, set to 0
Reference enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com