Electronic Components Datasheet Search
  English  ▼

X  

AD5674 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5674 Datasheet HTML 21Page - Analog Devices AD5674 Datasheet HTML 22Page - Analog Devices AD5674 Datasheet HTML 23Page - Analog Devices AD5674 Datasheet HTML 24Page - Analog Devices AD5674 Datasheet HTML 25Page - Analog Devices AD5674 Datasheet HTML 26Page - Analog Devices AD5674 Datasheet HTML 27Page - Analog Devices AD5674 Datasheet HTML 28Page - Analog Devices AD5674 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B | Page 25 of 32
STANDALONE OPERATION
Bring the SYNC line low to begin the write sequence. Data from
the SDI line is clocked into the 24-bit input shift register on the
falling edge of SCLK. After the last of 24 data bits is clocked in,
bring SYNC high. The programmed function is then executed,
that is, an LDAC dependent change in DAC register contents
and/or a change in the mode of operation. If SYNC is brought
high at a clock before the 24th clock, it is considered a valid
frame, and invalid data is loaded to the DAC. Bring SYNC high
for a minimum of 20 ns (single channel, see t8 in Figure 2)
before the next write sequence so that a falling edge of SYNC
can initiate the next write sequence. Idle SYNC at rails between
write sequences for even lower power operation. The SYNC line
is kept low for 24 falling edges of SCLK, and the DAC is
updated on the rising edge of SYNC.
When data is transferred to the input register of the addressed
DAC, all DAC registers and outputs update by bringing LDAC
low while the SYNC line is high.
WRITE AND UPDATE COMMANDS
Write to Input Register n (Dependent on LDAC)
Command 0001 allows the user to write the dedicated input
register of each DAC individually. When LDAC is low, the input
register is transparent, if not controlled by the LDAC mask
register.
Update DAC Register n with Contents of Input Register n
Command 0010 loads the DAC registers and outputs with the
contents of the input registers selected and updates the DAC
outputs directly. Data Bit D15 to Bit D0 determine which DACs
have data from the input register transferred to the DAC register.
Setting a bit to 1 transfers data from the input register to the
appropriate DAC register.
Write to and Update DAC Channel n (Independent of LDAC)
Command 0011 allows the user to write to the DAC registers
and updates the DAC outputs directly. The address bits are used
to select the DAC channel.
DAISY-CHAIN OPERATION
For systems that contain several DACs, the SDO pin can daisy-
chain several devices together and is enabled through a software
executable DCEN command. Command 1000 is reserved for
this DCEN function (see Table 10). The daisy-chain mode is
enabled by setting Bit DB0 in the DCEN register. The default
setting is standalone mode, where DB0 = 0. Table 12 shows how
the state of the bit corresponds to the mode of operation of the
device.
Table 12. DCEN Register
DB0
Description
0
Standalone mode (default)
1
DCEN mode
Figure 61. Daisy-Chaining the AD5674/AD5674R/AD5679/AD5679R to a
Motorola® 68HC11
The SCLK pin is continuously applied to the input shift register
when SYNC is low. If more than 24 clock pulses are applied, the
data ripples out of the input shift register and appears on the SDO
line. This data is clocked out on the rising edge of SCLK and is
valid on the falling edge. By connecting this line to the SDI
input on the next DAC in the chain, a daisy-chain interface is
constructed. Each DAC in the system requires 24 clock pulses.
Therefore, the total number of clock cycles must equal 24 × N,
where N is the total number of devices updated. If SYNC is
brought high at a clock that is not a multiple of 24, it is considered
a valid frame, and invalid data may be loaded to the DAC. When
the serial transfer to all devices is complete, SYNC goes high,
which latches the input data in each device in the daisy-chain
and prevents any further data from being clocked into the input
shift register. The serial clock can be continuous or a gated clock.
If SYNC is held low for the correct number of clock cycles, a
continuous SCLK source is used. In gated clock mode, use a
burst clock containing the exact number of clock cycles, and
bring SYNC high after the final clock to latch the data.
READBACK OPERATION
Readback mode is invoked through a software executable readback
command. If the SDO output is disabled via the daisy-chain mode
disable bit in the control register, the SDO output is automatically
MOSI
68HC11
AD5679R/
AD5679/
AD5674R/
AD5674
AD5679R/
AD5679/
AD5674R/
AD5674
AD5679R/
AD5679/
AD5674R/
AD5674
MISO
SDO
SDI
SDI
SCK
PC7
PC6
SDI
SCLK
SYNC
LDAC
SDO
SCLK
SYNC
LDAC
SDO
SCLK
SYNC
LDAC
SDO
SCLK
SYNC
LDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com