Electronic Components Datasheet Search
  English  ▼

X  

AD5674 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5674 Datasheet HTML 20Page - Analog Devices AD5674 Datasheet HTML 21Page - Analog Devices AD5674 Datasheet HTML 22Page - Analog Devices AD5674 Datasheet HTML 23Page - Analog Devices AD5674 Datasheet HTML 24Page - Analog Devices AD5674 Datasheet HTML 25Page - Analog Devices AD5674 Datasheet HTML 26Page - Analog Devices AD5674 Datasheet HTML 27Page - Analog Devices AD5674 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD5674/AD5674R/AD5679/AD5679R
Data Sheet
Rev. B | Page 24 of 32
Table 10. Command Definitions
Command
C3
C2
C1
C0
Description
0
0
0
0
No operation
0
0
0
1
Write to Input Register n where n = 1 to 8, depending on the DAC selected from the
address bits in Table 11 (dependent on LDAC)
0
0
1
0
Update DAC Register n with contents of Input Register n
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up the DAC
0
1
0
1
Hardware LDAC mask register
0
1
1
0
Software reset (power-on reset)
0
1
1
1
Internal reference setup register
1
0
0
0
Set up the daisy-chain enable (DCEN) register
1
0
0
1
Set up the readback register (readback enable)
1
0
1
0
Update all channels of the input register simultaneously with the input data
1
0
1
1
Update all channels of the DAC register and input register simultaneously with the input
data
1
1
0
0
Reserved
…
…
…
…
1
1
1
1
No operation, daisy-chain mode
Table 11. Address Commands
Channel Address[3:0]
Selected Channel
A3
A2
A1
A0
0
0
0
0
DAC 0
0
0
0
1
DAC 1
0
0
1
0
DAC 2
0
0
1
1
DAC 3
0
1
0
0
DAC 4
0
1
0
1
DAC 5
0
1
1
0
DAC 6
0
1
1
1
DAC 7
1
0
0
0
DAC 8
1
0
0
1
DAC 9
1
0
1
0
DAC 10
1
0
1
1
DAC 11
1
1
0
0
DAC 12
1
1
0
1
DAC 13
1
1
1
0
DAC 14
1
1
1
1
DAC 15
Figure 59. AD5679/AD5679R Input Shift Register Content
Figure 60. AD5674/AD5674R Input Shift Register Content
DB23 (MSB)
DB0 (LSB)
C3
C2
C1
C0
D11
D10
D9
D8
D15
D14
D13
D12
D7
D6
D5
D4
D3
D2
D1
D0
COMMAND BITS
ADDRESS BITS
DATA BITS
A3
A2
A1
A0
DB23 (MSB)
C3
C2
C1
C0
A3
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
COMMAND BITS
ADDRESS BITS
DATA BITS
DB0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com