Electronic Components Datasheet Search
  English  ▼

X  

AD5674 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5674 Datasheet HTML 6Page - Analog Devices AD5674 Datasheet HTML 7Page - Analog Devices AD5674 Datasheet HTML 8Page - Analog Devices AD5674 Datasheet HTML 9Page - Analog Devices AD5674 Datasheet HTML 10Page - Analog Devices AD5674 Datasheet HTML 11Page - Analog Devices AD5674 Datasheet HTML 12Page - Analog Devices AD5674 Datasheet HTML 13Page - Analog Devices AD5674 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5674/AD5674R/AD5679/AD5679R
Data Sheet
Rev. B | Page 10 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VLOGIC to GND
−0.3 V to +7 V
VOUTX to GND
−0.3 V to VDD + 0.3 V
VREF to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VLOGIC + 0.3
V
Operating Junction Temperature
Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Absolute Maximum Junction
Temperature
150°C
Reflow Soldering Peak Temperature,
Pb-Free (J-STD-020)
260°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot, sealed enclosure. θJB is the junction
to board thermal resistance. θJC is the junction to case thermal
resistance. ΨJT is the junction to top thermal characterization
parameter. ΨJB is the junction to board thermal characterization
parameter.
Table 8. Thermal Resistance
Package Type1
θJA
θJB
θJC
ΨJT
ΨJB
Unit
CP-28-8
55.09
24.49
19.14
2.62
23.92
°C/W
1
Thermal impedance simulated values are based on a JEDEC 2S2P thermal test
board with nine thermal vias. See JEDEC JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com