Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 17 Page - Analog Devices

Part # AD5675R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5675R Datasheet HTML 13Page - Analog Devices AD5675R Datasheet HTML 14Page - Analog Devices AD5675R Datasheet HTML 15Page - Analog Devices AD5675R Datasheet HTML 16Page - Analog Devices AD5675R Datasheet HTML 17Page - Analog Devices AD5675R Datasheet HTML 18Page - Analog Devices AD5675R Datasheet HTML 19Page - Analog Devices AD5675R Datasheet HTML 20Page - Analog Devices AD5675R Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
AD5673R/AD5677R
Rev. 0 | Page 17 of 31
–1
0
1
2
3
4
5
6
7
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
OUTPUT CURRENT (A)
0xFFFF
0xC000
0x8000
0x4000
0x0000
VDD = 5.5V
GAIN = 2
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 35. Source and Sink Capability at VDD = 5.5 V
2.4
2.6
2.8
3
3.2
3.4
3.6
0
10000
20000
30000
40000
50000
60000
70000
CODE
DEVICE 1
DEVICE 2
DEVICE 3
Figure 36. IDD vs. Code
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
–40
10
60
110
TEMPERATURE (°C)
INTERNAL REFERENCE, FULL SCALE
INTERNAL REFERENCE, ZERO SCALE
EXTERNAL REFERENCE, FULL SCALE
VDD = 5.5V
GAIN = 1
INTERNAL REFERENCE = 2.5V
Figure 37. IDD vs. Temperature
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
GAIN = 1
TA = 25°C
INTERNAL REFERENCE = 2.5V
INTERNAL REFERENCE, FULL SCALE
INTERNAL REFERENCE, ZERO SCALE
EXTERNAL REFERENCE, FULL SCALE
Figure 38. IDD vs. Supply Voltage
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
LOGIC INPUT VOLTAGE (V)
INTERNAL REFERENCE, FULL SCALE
INTERNAL REFERENCE, ZERO SCALE
EXTERNAL REFERENCE, FULL SCALE
VDD = 5.5V
GAIN = 1
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 39. IDD vs. Logic Input Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–2
–1
0
1
2
3
4
5
TIME (µs)
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
CH 8
CH 9
CH 10
CH 11
CH 12
CH 13
CH 14
CH 15
Figure 40. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com