Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 28 Page - Analog Devices

Part # AD5675R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5675R Datasheet HTML 23Page - Analog Devices AD5675R Datasheet HTML 24Page - Analog Devices AD5675R Datasheet HTML 25Page - Analog Devices AD5675R Datasheet HTML 26Page - Analog Devices AD5675R Datasheet HTML 27Page - Analog Devices AD5675R Datasheet HTML 28Page - Analog Devices AD5675R Datasheet HTML 29Page - Analog Devices AD5675R Datasheet HTML 30Page - Analog Devices AD5675R Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
AD5673R/AD5677R
Data Sheet
Rev. 0 | Page 28 of 31
LDAC MASK REGISTER
Command 0101 is reserved for the hardware LDAC function.
The address bits are ignored. Writing to the DAC using
Command 0101 loads the 16-bit LDAC register (DB15 to DB0).
The default for each channel is 0, that is, the LDAC pin works
normally. Setting DB15 to DB0 to 1 forces this DAC channel to
ignore transitions on the LDAC pin, regardless of the state of the
hardware LDAC pin. This flexibility is useful in applications
where the user wants to select which channels respond to
the LDAC pin.
The LDAC register gives the user extra flexibility and control
over the hardware LDAC pin (see Table 17). Setting the LDAC
bits (DB0 to DB15) to 0 for a DAC channel means that this
channel update is controlled by the hardware LDAC pin.
HARDWARE RESET (RESET)
The RESET pin is an active low reset that allows the outputs to
be cleared to either zero scale or midscale. The clear code value
depends on the model in use and refers to the power-up voltage.
It is necessary to keep the RESET pin low for a minimum time
(see Table 5) to complete the operation. When the RESET signal
is returned high, the output remains at the cleared value until a
new value is programmed. While the RESET pin is low, the outputs
cannot be updated with a new value. Any events on LDAC
or RESET during power-on reset are ignored. If the RESET pin
is pulled low at power-up, the device does not initialize correctly
until the pin is released.
POWER-ON RESET INTERNAL CIRCUIT
The AD5673R/AD5677R contain a power-on reset circuit that
controls the output voltage during power-up. Depending on the
model selected, the output powers up to zero scale (AD5673R-1,
AD5677R-1) or the output powers up to midscale (AD5673R-2,
AD5677R-2). The output remains powered up at this level until
a valid write sequence is made to the DAC.
SOFTWARE RESET
A software executable reset function is also available, which
resets the DAC to the power-on reset code. Command 0110 is
designated for this software reset function. The DAC address
bits must be set to 0x0 and the data bits set to 0x1234 for the
software reset command to execute.
INTERNAL REFERENCE SETUP
The on-chip reference is on at power-up by default. To reduce
the supply current, turn off this reference by setting the software
programmable bit, DB0, in the internal reference setup register.
Table 15 shows how the state of the bit corresponds to the mode
of operation. Command 0111 is reserved for setting up the
internal reference (see Table 9 and Table 18).
Table 15. Internal Reference Setup Register
Bit
Description
DB2
Reserved
DB1
Reserved; set to 0
DB0
Reference enable
DB0 = 0; internal reference enabled (default)
DB0 = 1; internal reference disabled
Table 16. LDAC Overwrite Definition
Load LDAC Register
LDAC Bits (DB15 to DB0)
LDAC Pin
LDAC Operation
0000000000000000
1 or 0
Determined by the LDAC pin.
1111111111111111
X (don’t care)
DAC channels update and override the LDAC pin. DAC channels see LDAC as 1.
Table 17. Write Commands and LDAC Pin Truth Table1
Command
Description
Hardware LDAC Pin State
Input Register Contents
DAC Register Contents
0001
Write to Input Register x
(dependent on LDAC)
VLOGIC
Data update
No change (no update)
GND2
Data update
Data update
0010
Update DAC Register x with
contents of Input Register x
VLOGIC
No change
Updated with input register contents
GND
No change
Updated with input register contents
0011
Write to and update DAC
Channel x
VLOGIC
Data update
Data update
GND
Data update
Data update
1
A high to low hardware LDAC pin transition always updates the contents of the contents of the DAC register with the contents of the input register on channels that
are not masked (blocked) by the LDAC mask register.
2
When LDAC is permanently tied low, the LDAC mask bits are ignored.
Table 18. 24-Bit Input Shift Register Contents for Internal Reference Setup Command1
DB23 (MSB)
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB1 to DB3
DB2
DB1
DB0 (LSB)
0
1
1
1
X
X
X
X
X
0
0
1/0
Command bits (C3 to C0)
Address bits (A3 to A0)
Don’t care
Reserved
Reserved
Reference setup register
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com