Electronic Components Datasheet Search
  English  ▼

X  

DER-34 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # DER-34
Description  13W Multiple Output Supply using TOP242P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-34 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  DER-34 Datasheet HTML 1Page - Power Integrations, Inc. DER-34 Datasheet HTML 2Page - Power Integrations, Inc. DER-34 Datasheet HTML 3Page - Power Integrations, Inc. DER-34 Datasheet HTML 4Page - Power Integrations, Inc. DER-34 Datasheet HTML 5Page - Power Integrations, Inc. DER-34 Datasheet HTML 6Page - Power Integrations, Inc. DER-34 Datasheet HTML 7Page - Power Integrations, Inc. DER-34 Datasheet HTML 8Page - Power Integrations, Inc. DER-34 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DER-34
13W Integrated Digital TV PSU
April 1, 2004
Page 3 of 19
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
1
Introduction
This report describes a multiple output power supply for an integrated digital TV
application. The design uses the advanced integrated features of TOP242P to give a low
cost, minimal component count design.
The report includes a full schematic, bill of materials and transformer design information.
In addition, basic measurements on the prototype unit shown in Figure 1 have been
given.
Figure 1 - 13W IdTV Power Supply Prototype
Measurements include full power efficiency, full power line regulation and output ripple
measurements. When accurate min/max loads and loading combinations are known,
cross-regulation measurements will be taken. Initial conducted EMI measurements have
also been taken both with the output floating and the output grounded to protective Earth
(i.e. chassis).
For the prototype constructed here, only one LC post filter was used on the 5V output
and the current on the 5VA and 5VD circuitry was combined to a single rail. The
proposed schematic splits the 5V rail out with two LC post filters to increase the
separation between 5VA and 5VD outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com