Electronic Components Datasheet Search
  English  ▼

X  

DER-34 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # DER-34
Description  13W Multiple Output Supply using TOP242P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-34 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button DER-34 Datasheet HTML 7Page - Power Integrations, Inc. DER-34 Datasheet HTML 8Page - Power Integrations, Inc. DER-34 Datasheet HTML 9Page - Power Integrations, Inc. DER-34 Datasheet HTML 10Page - Power Integrations, Inc. DER-34 Datasheet HTML 11Page - Power Integrations, Inc. DER-34 Datasheet HTML 12Page - Power Integrations, Inc. DER-34 Datasheet HTML 13Page - Power Integrations, Inc. DER-34 Datasheet HTML 14Page - Power Integrations, Inc. DER-34 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DER-34
13W Integrated Digital TV PSU
April 1, 2004
Page 11 of 19
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
Voltage
VMAX
Volts
375
Maximum DC Input
Voltage
VCLO
Volts
200
Clamp Zener Voltage
PZ
Watts
1.7
Estimated Primary
Zener Clamp Loss
VDB
Volts
0.7
Bias Winding Diode
Forward Voltage Drop
PIVB
Volts
59
Bias Rectifier
Maximum Peak
Inverse Voltage
Power Supply Output
Parameters
VDx
Volts
0.5
0.5
0.5
1.0 Output Winding Diode
Forward Voltage Drop
PIVSx
Volts
14
20
35
124 Output Rectifier
Maximum Peak
Inverse Voltage
ISPx
Amps
4.98
4.82
0.17
0.02 Peak Secondary
Current
ISRMSx
Amps
2.29
2.21
0.08
0.01 Secondary RMS
Current
IRIPPLEx
Amps
1.73
1.67
0.06
0.01 Output Capacitor
RMS Ripple Current
Transformer Construction
Parameters
Core/Bobbin
E20/10/6 (EF20) Margi
Core and Bobbin
Type
Core Manuf.
Generic
Core Manufacturing
Bobbin Manuf
Generic
Bobbin Manufacturing
LP
uHenries
1571
Primary Inductance
NP
71
Primary Winding
Number of Turns
NB
8.26
Bias Winding Number
of Turns
OD Actual
mm
0.28
Primary Actual Wire
Diameter
Primary
Current
Density
A/mm^2
2
Primary Winding
Current Density
Warning! Primary
current winding
density (A/mm 2) is
less than minimum
VOR
Volts
135.00
Reflected Output
Voltage
BW
mm
12.50
Bobbin Physical
Winding Width
M
mm
0.0
Safety Margin Width
L
2.0
Number of Primary
Layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com