Electronic Components Datasheet Search
  English  ▼

X  

DER-34 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # DER-34
Description  13W Multiple Output Supply using TOP242P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-34 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button DER-34 Datasheet HTML 2Page - Power Integrations, Inc. DER-34 Datasheet HTML 3Page - Power Integrations, Inc. DER-34 Datasheet HTML 4Page - Power Integrations, Inc. DER-34 Datasheet HTML 5Page - Power Integrations, Inc. DER-34 Datasheet HTML 6Page - Power Integrations, Inc. DER-34 Datasheet HTML 7Page - Power Integrations, Inc. DER-34 Datasheet HTML 8Page - Power Integrations, Inc. DER-34 Datasheet HTML 9Page - Power Integrations, Inc. DER-34 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DER-34
13W Integrated Digital TV PSU
April 1, 2004
Page 6 of 19
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
4
Circuit Description
This schematic presented above details an isolated flyback power supply using TOP242P
from Power Integrations. This IC integrates the following features to minimize PSU cost:-
Frequency jitter which reduces the QP and AV EMI levels by up to 10dB allowing
for cheaper EMI filter components
Soft-Start which prevents transformer saturation during start-up. This increases
long term reliability
Line UV and OV detection to give additional differential surge withstand capability
to increase reliability
Regulation to zero load without pre-load due to very low minimum duty cycle
capability
Line feed forward which improves 100Hz ripple rejection
Hysteretic thermal and short circuit protection to increase long term reliability
DIP08 package which requires no additional heatsink, minimizing BOM and
manufacturing cost.
4.1
Design Architecture
The approach used with this design is to provide the 2.5V output via a diode drop from
the 3V3 rail. This technique is a good way to cost effectively produce 2.5V without
significant efficiency penalty. If tighter regulation is required on 2.5V, a feedback resistor
from 2.5V to the TL431 can be added.
4.2
Input Stage
Mains input protection is provided by fuse F1 and a VDR, R14. Common-mode and
differential mode EMI filtering is provided by C7, L5 and C3. AC rectification and bulk
storage is provided by D4, D5, D8, D9 and C10.
4.3
Primary Side Clamp
Primary side clamping is provided by D7, R4, R2 and C4. D7 is specified as 1N4007GP
and it is important that the GP version is used. The GP version has a specified reverse
recovery behavior, which recycles some of the clamp energy and aid efficiency.
4.4
Output Rectification, Filtering and Feedback
Schottky diodes are used on both the 3V3 and 5V outputs to give good voltage centering
and high efficiency. The 2V5 rail is provided using a UF5400 diode drop from the 3V3 rail.
All rails use LC post filters to give very low output ripple and the 32V rail is provided by a
charge pump driven from the AC side of the 32V winding.
Feedback is derived from the 3V3 and 5V windings, which will give +/-5% accuracy on
both rails. If tighter regulation is required on 2.5V, a feedback resistor from 2.5V to the
TL431 can be added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com