Electronic Components Datasheet Search
  English  ▼

X  

DER-34 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # DER-34
Description  13W Multiple Output Supply using TOP242P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-34 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button DER-34 Datasheet HTML 4Page - Power Integrations, Inc. DER-34 Datasheet HTML 5Page - Power Integrations, Inc. DER-34 Datasheet HTML 6Page - Power Integrations, Inc. DER-34 Datasheet HTML 7Page - Power Integrations, Inc. DER-34 Datasheet HTML 8Page - Power Integrations, Inc. DER-34 Datasheet HTML 9Page - Power Integrations, Inc. DER-34 Datasheet HTML 10Page - Power Integrations, Inc. DER-34 Datasheet HTML 11Page - Power Integrations, Inc. DER-34 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DER-34
13W Integrated Digital TV PSU
April 1, 2004
Page 8 of 19
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
6
Transformer Specification
6.1
Electrical Diagram
PRIMARY
71 TURNS
0.32mm HEAVY NYLEZE
PRIMARY
9 TURNS
0.32mm TRI-FILAR HEAVY NYLEZE
3V3 WINDING
2 TURNS QUADRAFILAR
0.4mm TRIPLE INSULATED WIRE
1
4
3
6
2
7
5
8
5V WINDING
1 TURN BIFILAR
0.4mm TRIPLE INSULATED WIRE
9V WINDING
2 TURNS BIFILAR
0.4mm TRIPLE INSULATED WIRE
Figure 3 –Transformer Electrical Diagram
6.2
Electrical Specifications
Electrical Strength
1 second, 60 Hz, from pins 1-5 to pins 6-10
3000 VAC
Primary Inductance
Pins 1-4, all other windings open.
Measured at 132 kHz, 1 VRMS
1.5mH
+15%
Resonant Frequency
Pin 1-4, all other windings open
600 kHz (Min.)
Primary Leakage Inductance
Pins 1-4, with pins 6-10 shorted.
Measured at 132 kHz, 1 VRMS
50
µH (Max.)
6.3
Materials
Item
Description
[1]
Core: EF20/10/6, 3C85 or Equivalent, Gapped for AL of 311 nH/T
2
[2]
Bobbin: EF20, 10 Pins
[3]
Magnet Wire: 0.32mm (#28 AWG)
[4]
Triple Insulated Wire : 0.4mm (#26 AWG)
[5]
Tape: 3M 1298 Polyester Film, 12 mm wide
[6]
Varnish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com