Electronic Components Datasheet Search
  English  ▼

X  

DER-34 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DER-34
Description  13W Multiple Output Supply using TOP242P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-34 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DER-34 Datasheet HTML 1Page - Power Integrations, Inc. DER-34 Datasheet HTML 2Page - Power Integrations, Inc. DER-34 Datasheet HTML 3Page - Power Integrations, Inc. DER-34 Datasheet HTML 4Page - Power Integrations, Inc. DER-34 Datasheet HTML 5Page - Power Integrations, Inc. DER-34 Datasheet HTML 6Page - Power Integrations, Inc. DER-34 Datasheet HTML 7Page - Power Integrations, Inc. DER-34 Datasheet HTML 8Page - Power Integrations, Inc. DER-34 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Applications Hotline: Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
Design Example Report
Title
13W Multiple Output Supply using TOP242P
Specification
Input: 195 – 265 VAC
Output: 2.5V/0.8A, 3.3V/0.7A, 5V/1.45A,
9V/50mA, 32V/5mA
Application
Integrated Digital TV Decoder
Author
Power Integrations Applications Department
Document
Number
DER-34
Date
April 1, 2004
Revision
1.0
Summary and Features
•
No heatsinks on the complete power supply
•
Low Parts Count – Total estimated total BOM cost <$3.00
•
Very low output ripple and noise – Eliminates PSU interference in TV
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found
at www.powerint.com.


Similar Part No. - DER-34

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-33 POWERINT-DER-33 Datasheet
540Kb / 24P
3.9W CV/CC Charger using TNY266P with < 100 mW standby
DER-35 POWERINT-DER-35 Datasheet
551Kb / 22P
3.5W CV/CC Adapter using TNY264P
DER-36 POWERINT-DER-36 Datasheet
274Kb / 23P
42W, 4 Output Supply using TOP245Y
DER-37 POWERINT-DER-37 Datasheet
1Mb / 32P
16W Low Profile Adapter Supply using TOP245P
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
2.4W Power Supply using LNK520P
More results

Similar Description - DER-34

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP245P POWERINT-TOP245P_1 Datasheet
612Kb / 25P
Title 32W (47W peak) Multiple Output supply
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
21W (45W peak) Multiple Output Power Supply using TOP246Y
DER-46 POWERINT-DER-46 Datasheet
1Mb / 22P
4.5W (6Wpk) Multiple Output DVB-T Power Supply using TNY264P
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
30W Multiple Output Power Supply using TOP245R
logo
C&D Technologies
TPS_PX500 CANDD-TPS_PX500 Datasheet
276Kb / 4P
AC/DC 500W Multiple Output Power Supply
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
Multiple Output Switching Power Supply
PSA46-301 PHIHONG-PSA46-301 Datasheet
141Kb / 2P
Multiple Output Adapter Switching Power Supply
logo
Mean Well Enterprises C...
LDV-185_1112 MEANWELL-LDV-185_1112 Datasheet
506Kb / 3P
185W Multiple Channel Output Switching Power Supply
logo
Good Will Instrument Co...
GPE-X323 GWINSTEK-GPE-X323 Datasheet
464Kb / 2P
Multiple Output Linear D.C. Power Supply
GPS-2303 GWINSTEK-GPS-2303 Datasheet
127Kb / 1P
MULTIPLE OUTPUT LINEAR D.C. POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com