Electronic Components Datasheet Search
  English  ▼

X  

DER-34 Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # DER-34
Description  13W Multiple Output Supply using TOP242P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-34 Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button DER-34 Datasheet HTML 10Page - Power Integrations, Inc. DER-34 Datasheet HTML 11Page - Power Integrations, Inc. DER-34 Datasheet HTML 12Page - Power Integrations, Inc. DER-34 Datasheet HTML 13Page - Power Integrations, Inc. DER-34 Datasheet HTML 14Page - Power Integrations, Inc. DER-34 Datasheet HTML 15Page - Power Integrations, Inc. DER-34 Datasheet HTML 16Page - Power Integrations, Inc. DER-34 Datasheet HTML 17Page - Power Integrations, Inc. DER-34 Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
DER-34
13W Integrated Digital TV PSU
April 1, 2004
Page 14 of 19
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
9
Operating Waveforms
9.1
Output Ripple
For DC output ripple measurements, a modified oscilloscope test probe must be utilized
in order to reduce spurious signals due to pickup. Details of the probe modification are
provided in Figure 7 and Figure 8.
The 5125BA probe adapter is affixed with two capacitors tied in parallel across the probe
tip. The capacitors include one (1) 0.1
µF/50 V ceramic type and one (1) 1.0 µF/50 V
aluminum electrolytic.
The aluminum electrolytic type capacitor is polarized, so
proper polarity across DC outputs must be maintained (see below).
Figure 7 - Oscilloscope Probe Prepared for Ripple Measurement. (End Cap and Ground Lead Removed)
Figure 8 - Oscilloscope Probe with Probe Master 5125BA BNC Adapter. (Modified with wires for probe
ground for ripple measurement, and two parallel decoupling capacitors added)
Probe Ground
Probe Tip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com