Electronic Components Datasheet Search
  English  ▼

X  

DER-34 Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # DER-34
Description  13W Multiple Output Supply using TOP242P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-34 Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button DER-34 Datasheet HTML 8Page - Power Integrations, Inc. DER-34 Datasheet HTML 9Page - Power Integrations, Inc. DER-34 Datasheet HTML 10Page - Power Integrations, Inc. DER-34 Datasheet HTML 11Page - Power Integrations, Inc. DER-34 Datasheet HTML 12Page - Power Integrations, Inc. DER-34 Datasheet HTML 13Page - Power Integrations, Inc. DER-34 Datasheet HTML 14Page - Power Integrations, Inc. DER-34 Datasheet HTML 15Page - Power Integrations, Inc. DER-34 Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
DER-34
13W Integrated Digital TV PSU
April 1, 2004
Page 12 of 19
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
AE
cm^2
0.32
Core Effective Cross
Section Area
ALG
nH/T^2
311
Gapped Core
Effective Inductance
BM
mTesla
267
Maximum Operating
Flux Density
BP
mTesla
331
Peak Flux Density
BAC
mTesla
134
AC Flux Density for
Core Curves
LG
mm
0.11
Gap Length
LL
uHenries
31.4
Estimated
Transformer Primary
Leakage Inductance
LSEC
nHenries
20
Estimated Secondary
Trace Inductance
Secondary
Parameters
NSx
2.00
2.89
5.00
17.37 Secondary Number of
Turns
Rounded Down NSx
2
5
17 Rounded to Integer
Secondary Number of
Turns
Rounded
Down Vox
Volts
3.27
8.93
31.08 Auxiliary Output
Voltage for Rounded
to Integer NSx
Rounded Up NSx
3
18 Rounded to Next
Integer Secondary
Number of Turns
Rounded Up
Vox
Volts
5.16
32.96 Auxiliary Output
Voltage for Rounded
to Next Integer NSx
ODS Actual
Range
mm
0.51 -
0.81
0.51 -
0.81
0.09 -
0.14
0.03 -
0.06
Secondary Actual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com