Electronic Components Datasheet Search
  English  ▼

X  

DER-41 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # DER-41
Description  3.7W Power Supply Using TNY263P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-41 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button DER-41 Datasheet HTML 2Page - Power Integrations, Inc. DER-41 Datasheet HTML 3Page - Power Integrations, Inc. DER-41 Datasheet HTML 4Page - Power Integrations, Inc. DER-41 Datasheet HTML 5Page - Power Integrations, Inc. DER-41 Datasheet HTML 6Page - Power Integrations, Inc. DER-41 Datasheet HTML 7Page - Power Integrations, Inc. DER-41 Datasheet HTML 8Page - Power Integrations, Inc. DER-41 Datasheet HTML 9Page - Power Integrations, Inc. DER-41 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DER-41
5V and 22V LCD TV Standby PS
November 18, 2004
5 Circuit Description
This circuit is configured as an AC to DC two-output Flyback power supply using the
highly integrated TNY263P power IC. The circuit is designed for 80 Vac to 288 Vac input
with 5V and 22V outputs.
5.1 Input Rectification
AC input power is rectified by a full bridge, consisting of D1 through D4. The rectified DC
is then filtered by the bulk storage capacitors C1 and C2. Inductor L1 and L2, C1 and C2
form a pi (π) filter, which attenuates conducted differential-mode EMI noise. R13 and R14
damp the oscillation caused by L1 and L2.
5.2 Auxiliary Bias Supply and the 22V Primary Output
The auxiliary bias supply circuit and the 22V primary output are made up of the primary-
side transformer bias windings, diode D8, D9, capacitor C7, C10, resistor R12 and Zener
diode VR1. R12 was set for just enough current to disable the internal current source. As
a result, the standby power consumption is minimized. VR1 improves 22V regulation
when 22V is not loaded and 5V output is fully loaded. The 22V winding and the bias
winding are wound next to the 5V winding for good cross-regulation.
5.3 Primary DRAIN Voltage Clamp Circuit
The DRAIN voltage clamp circuit is comprised of C3, R2 and diode D5. D5 and C3
clamp the amplitude of the voltage spike that the transformer leakage inductance
generates at switch turn-off, to keep it beneath the device’s maximum DRAIN to
SOURCE voltage rating (700 V). R2 damps the high frequency ringing caused by
leakage inductance, which improves the conducted EMI performance of the circuit.
5.4 Output Rectification and Filtering
Output rectification and filtering are accomplished by Schottky diode D6, capacitors C4,
C6 and L3.
5.5 Output Voltage Sensing and Feedback
LMV431 U3, resistors R4, R5, R6, R7, R8, R9, C9 and Opto-coupler U2 sense the output
voltage and current, and feedback their information to the TNY263P controller.
Page 6 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com