Electronic Components Datasheet Search
  English  ▼

X  

DER-41 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # DER-41
Description  3.7W Power Supply Using TNY263P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-41 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button DER-41 Datasheet HTML 4Page - Power Integrations, Inc. DER-41 Datasheet HTML 5Page - Power Integrations, Inc. DER-41 Datasheet HTML 6Page - Power Integrations, Inc. DER-41 Datasheet HTML 7Page - Power Integrations, Inc. DER-41 Datasheet HTML 8Page - Power Integrations, Inc. DER-41 Datasheet HTML 9Page - Power Integrations, Inc. DER-41 Datasheet HTML 10Page - Power Integrations, Inc. DER-41 Datasheet HTML 11Page - Power Integrations, Inc. DER-41 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DER-41
5V and 22V LCD TV Standby PS
November 18, 2004
7 Bill Of Materials
Item Qua. Part
Reference
Value
Description
Mfg Part Number
Mfg
1
2 C1 C2
10 uF
10 uF, 450 V, Electrolytic
Customer Provided
N/A
2
1 C3
470 pF
470 pF, 1 kV, Disc Ceramic
NCD471K1KVY5F
NIC Components Corp
3
1 C4
220 uF
220 uF, 10 V, Electrolytic, Very Low ESR, 130 mOhm, (6.3 x
11)
KZE10VB221MF11LL
United Chemi-Con
4
1 C6
47 uF
47 uF, 16 V, Electrolytic, Low ESR, 500 mOhm, (5 x 11.5)
LXZ16VB47RME11LL
United Chemi-Con
5
2 C7 C10
22 uF
22 uF, 50 V, Electrolytic, Low ESR, 900 mOhm, (5 x 11.5)
LXZ50VB22RME11LL
United Chemi-Con
6
2 C8 C9
100 nF
100 nF, 50 V, Ceramic, X7R
ECU-S1H104KBB
Panasonic
7
4 D1 D2 D3
D4
1N4007
1000 V, 1 A, Rectifier, DO-41
1N4007
Vishay
8
1 D5
1N4007GP
1000 V, 1 A, Rectifier, Glass Passivated, 2 us, DO-41
1N4007GP
Vishay
9
1 D6
11DQ06
60 V, 1.1 A, Schottky, DO-41
11DQ06
International Rectifier
10
1 D8
BAV20
200 V, 200 mA, Fast Switching, 50 ns, DO-35
BAV20
Vishay
11
1 D9
UF4003
200 V, 1 A, Ultrafast Recovery, 50 ns, DO-41
UF4003
Vishay
12
6 J1 J2 J3
J4 J5 J6
Terminal
PCB Terminal Hole
N/A
N/A
13
2 L1 L2
1 mH
1 mH, 0.15 A, Ferrite Core
SBCP-47HY102B
Tokin
14
1 L3
FB
3.5 mm x 7.6 mm, 75 Ohms at 25 MHz, 22 AWG hole,
Ferrite Bead
2743004112
Fair-Rite
15
1 R2
300 k
300 k, 5%, 1/2 W, Carbon Film
CFR-50JB-300K
Yageo
16
1 R4
160
160 R, 5%, 1/8 W, Carbon Film
CFR-12JB-160R
Yageo
17
1 R5
10 k
10 k, 5%, 1/4 W, Carbon Film
CFR-25JB-10K
Yageo
18
1 R6
75 k
75 k, 1%, 1/4 W, Metal Film
MFR-25FBF-75K0
Yageo
19
1 R7
24.9 k
24.9 k, 1%, 1/4 W, Metal Film
MFR-25FBF-24K9
Yageo
20
3 R8 R13
R14
4.7 k
4.7 k, 5%, 1/8 W, Carbon Film
CFR-12JB-4K7
Yageo
21
1 R9
806
806 R, 1%, 1/4 W, Metal Film
MFR-25FBF-806R
Yageo
22
1 R12
4.22 k
4.22 k, 1%, 1/4 W, Metal Film
MFR-25FBF-4K22
Yageo
23
1 RF1
8.2
8.2 R, 2.5 W, Fusible/Flame Proof Wire Wound
CRF253-4 5T 8R2
Vitrohm
24
1 T2
TRANSFORMER Custom
25
1 U1
TNY263P
TinySwitch-II, TNY263P, DIP-8B
TNY263P
Power Integrations
26
1 U2
PC817D
Opto coupler, 35 V, CTR 300-600%, 4-DIP
ISP817D, PC817X4
Isocom, Sharp
27
1 U3
LMV431_A
1.24V Shunt Reg IC
LMV431ACZ
National Semiconductor
28
1 VR1
1N5252B
24 V, 5%, 500 mW, DO-35
1N5252B
Microsemi
Note: L1, L2, R13, R14, C1 and C2 form an EMI filter. C1 and C2 form the bulk
capacitance. In the actual system, the standby supply can be connected to the EMI filter
and bulk cap of the main power supply. If the main PSU bulk cap is far from the standby
supply, a small HF bypass cap, 0.01uF/400V, should be used in the position of C2.
Page 8 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com