Electronic Components Datasheet Search
  English  ▼

X  

DER-41 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # DER-41
Description  3.7W Power Supply Using TNY263P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-41 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button DER-41 Datasheet HTML 5Page - Power Integrations, Inc. DER-41 Datasheet HTML 6Page - Power Integrations, Inc. DER-41 Datasheet HTML 7Page - Power Integrations, Inc. DER-41 Datasheet HTML 8Page - Power Integrations, Inc. DER-41 Datasheet HTML 9Page - Power Integrations, Inc. DER-41 Datasheet HTML 10Page - Power Integrations, Inc. DER-41 Datasheet HTML 11Page - Power Integrations, Inc. DER-41 Datasheet HTML 12Page - Power Integrations, Inc. DER-41 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DER-41
5V and 22V LCD TV Standby PS
November 18, 2004
8 Transformer Specification
8.1 Electrical Diagram
Secondary
26T #36 x 2
1
2
1
10
Primary
106T #36
8T # 30 x 2 TIW
WD#2
WD#1
Cancellation
WD#3 Bias
& Primary
22V O/P
4
20T #33
WD#4
Cancellation
NC
1
17T #33 x 2
WD#5
NC
3
5V
8
5
14T #33
Figure 4 –Transformer Electrical Diagram
8.2 Electrical Specifications
Electrical Strength
1 second, 60 Hz, from Pins 1 - 5 to Pins 8 -10
3000 VAC
Primary Inductance
Pins 1-2, all other windings open, measured at
132 kHz, 0.4 VRMS
2.36 mH, -
10/+10%
Resonant Frequency
Pins 1-2, all other windings open
500 kHz (Min.)
Primary Leakage Inductance
Pins 1-2, with Pins 8-10 shorted, measured at
132 kHz, 0.4 VRMS
50
µH (Max.)
8.3 Materials
Item
Description
[1]
Core: PC40EE16-Z, TDK or equivalent Gapped for AL of 209 nH/T2
[2]
Bobbin: Horizontal 10 pin
[3]
Magnet Wire: #36 AWG
[4]
Magnet Wire: #33 AWG
[5]
Triple Insulated Wire: #30 AWG
[6]
Tape: 3M 1298 Polyester Film, 2.0 mils thick, 8.2 mm wide
Page 9 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com