Electronic Components Datasheet Search
  English  ▼

X  

DER-41 Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # DER-41
Description  3.7W Power Supply Using TNY263P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-41 Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button DER-41 Datasheet HTML 14Page - Power Integrations, Inc. DER-41 Datasheet HTML 15Page - Power Integrations, Inc. DER-41 Datasheet HTML 16Page - Power Integrations, Inc. DER-41 Datasheet HTML 17Page - Power Integrations, Inc. DER-41 Datasheet HTML 18Page - Power Integrations, Inc. DER-41 Datasheet HTML 19Page - Power Integrations, Inc. DER-41 Datasheet HTML 20Page - Power Integrations, Inc. DER-41 Datasheet HTML 21Page - Power Integrations, Inc. DER-41 Datasheet HTML 22Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
DER-41
5V and 22V LCD TV Standby PS
November 18, 2004
13 Conducted EMI
L1, L2, R13, R14, C1 and C2 form an EMI filter. C1 and C2 form the bulk capacitance.
In the actual system, the standby supply can be connected to the EMI filter and bulk cap
of the main power supply. If the main PSU bulk cap is far from the standby supply, a
small HF bypass cap, 0.01uF/400V, should be used in the position of C2.
EMI was tested at room temperature, 230 VAC input (worst case), full load.
Figure 20 - Line, secondary connected with Ground
of the LISN
Figure 21 - Line, secondary floating
Figure 22 - Neutral, secondary connected with
Ground of the LISN
Figure 23 - Neutral, secondary floating
Page 20 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com