Electronic Components Datasheet Search
  English  ▼

X  

DER-41 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DER-41
Description  3.7W Power Supply Using TNY263P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-41 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DER-41 Datasheet HTML 1Page - Power Integrations, Inc. DER-41 Datasheet HTML 2Page - Power Integrations, Inc. DER-41 Datasheet HTML 3Page - Power Integrations, Inc. DER-41 Datasheet HTML 4Page - Power Integrations, Inc. DER-41 Datasheet HTML 5Page - Power Integrations, Inc. DER-41 Datasheet HTML 6Page - Power Integrations, Inc. DER-41 Datasheet HTML 7Page - Power Integrations, Inc. DER-41 Datasheet HTML 8Page - Power Integrations, Inc. DER-41 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Design Example Report
Title
3.7W Power Supply Using TNY263P
Specification
Input: 80 – 288 VAC
Output: 5V/300mA, 22V/100mA
Application
LCD TV Standby
Author
Power Integrations Applications Department
Document
Number
DER-41
Date
November 18, 2004
Revision
1.0
Summary and Features
• Extremely low (< 25 mW) No Load Power Consumption at 288VAC
• Low EMI for low signal interference
• Very good EMI margin with respect to EN55022 B limits with no Y-cap, no X-
cap, no common mode choke
• Low cost and simple design for two output power supply
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at
www.powerint.com.
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com


Similar Part No. - DER-41

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
21W (45W peak) Multiple Output Power Supply using TOP246Y
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
2.25W Power Supply using LNK520P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
24.5W Power Supply using DPA424G
DER-44 POWERINT-DER-44 Datasheet
1Mb / 30P
41W (53Wpk) Power Supply using TOP246Y
DER-45 POWERINT-DER-45 Datasheet
105Kb / 9P
1.8W non-isolated Power Supply using LNK304
More results

Similar Description - DER-41

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
2.4W Power Supply using LNK520P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
2.25W Power Supply using LNK520P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
24.5W Power Supply using DPA424G
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
16W Power Supply using TOP243P
DER-52 POWERINT-DER-52 Datasheet
644Kb / 26P
3.9W Power Supply using TNY263P
DER-57 POWERINT-DER-57 Datasheet
1Mb / 26P
3W Power Supply using LNK501P
DER-60 POWERINT-DER-60 Datasheet
626Kb / 25P
8.75 W Power Supply using TNY268P
DER-107 POWERINT-DER-107 Datasheet
1,010Kb / 26P
10W Compact Power Supply using TOP245R
DER-109 POWERINT-DER-109 Datasheet
408Kb / 14P
0.7W Power Supply using LNK353P
logo
STMicroelectronics
AN1246 STMICROELECTRONICS-AN1246 Datasheet
103Kb / 8P
power supply using VIPer20A-E
18-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com