Electronic Components Datasheet Search
  English  ▼

X  

DER-41 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # DER-41
Description  3.7W Power Supply Using TNY263P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-41 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button DER-41 Datasheet HTML 14Page - Power Integrations, Inc. DER-41 Datasheet HTML 15Page - Power Integrations, Inc. DER-41 Datasheet HTML 16Page - Power Integrations, Inc. DER-41 Datasheet HTML 17Page - Power Integrations, Inc. DER-41 Datasheet HTML 18Page - Power Integrations, Inc. DER-41 Datasheet HTML 19Page - Power Integrations, Inc. DER-41 Datasheet HTML 20Page - Power Integrations, Inc. DER-41 Datasheet HTML 21Page - Power Integrations, Inc. DER-41 Datasheet HTML 22Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
DER-41
5V and 22V LCD TV Standby PS
November 18, 2004
For the latest updates, visit our Web site: www.powerint.com
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your
use of any information, device or circuit described herein nor does it convey any license under its patent rights or the
rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND SPECIFICALLY DISCLAIMS
ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY,
FITNESS FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS.
PATENT INFORMATION
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at
www.powerint.com.
The PI Logo,
TOPSwitch, TinySwitch, LinkSwitch, and EcoSmart are registered trademarks of Power
Integrations.
PI Expert and DPA-Switch are trademarks of Power Integrations.
© Copyright 2004, Power Integrations.
WORLD HEADQUARTERS
Power Integrations
5245 Hellyer Avenue,
San Jose, CA 95138, USA
Main:
+1-408-414-9200
Customer Service:
Phone:
+1-408-414-9665
Fax:
+1-408-414-9765
e-mail:
usasales@powerint.com
CHINA (SHENZHEN)
Power Integrations
International Holdings, Inc.
Rm# 1705, Bao Hua Bldg.
1016 Hua Qiang Bei Lu,
Shenzhen, Guangdong,
518031, China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
ITALY
Power Integrations s.r.l.
Via Vittorio Veneto 12,
Bresso, Milano,
20091, Italy
Phone: +39-028-928-6001
Fax:
+39-028-928-6009
e-mail:
eurosales@powerint.com
SINGAPORE (ASIA PACIFIC
HEADQUARTERS)
Power Integrations, Singapore
51 Newton Road,
#15-08/10 Goldhill Plaza,
Singapore, 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail:
singaporesales@powerint.com
AMERICAS
Power Integrations, Inc.
4335 South Lee Street,
Suite G,
Buford, GA 30518, USA
Phone:
+1-678-714-6033
Fax:
+1-678-714-6012
e-mail:
usasales@powerint.com
GERMANY
Power Integrations, GmbH
Rueckertstrasse 3,
D-80336, Munich, Germany
Phone:
+49-895-527-3910
Fax:
+49-895-527-3920
e-mail: eurosales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
12-20 Shin-Yokohama,
2-Chome,
Kohoku-ku, Yokohama-shi,
Kanagawa 222-0033, Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail:
japansales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
17F-3, No. 510,
Chung Hsiao E. Rd., Sec. 5,
Taipei, Taiwan 110, R.O.C.
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail:
taiwansales@powerint.com
CHINA (SHANGHAI)
Power Integrations
International Holdings, Inc.
Rm 807, Pacheer,
Commercial Centre,
555 Nanjing West Road,
Shanghai, 200041, China
Phone:
+86-21-6215-5548
Fax:
+86-21-6215-2468
e-mail:
chinasales@powerint.com
INDIA (TECHNICAL SUPPORT)
Innovatech
261/A, Ground Floor
7th Main, 17th Cross,
Sadashivanagar
Bangalore, India, 560080
Phone:
+91-80-5113-8020
Fax:
+91-80-5113-8023
e-mail: indiasales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
8th Floor, DongSung Bldg.
17-8 Yoido-dong,
Youngdeungpo-gu,
Seoul, 150-874, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail:
koreasales@powerint.com
UK (EUROPE & AFRICA
HEADQUARTERS)
1st Floor, St. James’s House
East Street
Farnham, Surrey GU9 7TJ
United Kingdom
Phone:
+44-1252-730-140
Fax:
+44-1252-727-689
e-mail: eurosales@powerint.com
APPLICATIONS HOTLINE
World Wide +1-408-414-9660
APPLICATIONS FAX
World Wide +1-408-414-9760
ER or EPR template – Rev 3.4 – Single sided
Page 22 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com