Electronic Components Datasheet Search
  English  ▼

X  

DER-41 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # DER-41
Description  3.7W Power Supply Using TNY263P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-41 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button DER-41 Datasheet HTML 9Page - Power Integrations, Inc. DER-41 Datasheet HTML 10Page - Power Integrations, Inc. DER-41 Datasheet HTML 11Page - Power Integrations, Inc. DER-41 Datasheet HTML 12Page - Power Integrations, Inc. DER-41 Datasheet HTML 13Page - Power Integrations, Inc. DER-41 Datasheet HTML 14Page - Power Integrations, Inc. DER-41 Datasheet HTML 15Page - Power Integrations, Inc. DER-41 Datasheet HTML 16Page - Power Integrations, Inc. DER-41 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DER-41
5V and 22V LCD TV Standby PS
November 18, 2004
ODS1
1.06 mm
Maximum Outside Diameter for Triple Insulated Wire
Bias output
VO2
9
Volts
Output Voltage
IO2
0.1
Amps
Output DC Current
PO2
0.90 Watts
Output Power
VD2
0.7
Volts
Output Diode Forward Voltage Drop
NS2
13.96
Output Winding Number of Turns
ISRMS2
0.161 Amps
Output Winding RMS Current
IRIPPLE2
0.13 Amps
Output Capacitor RMS Ripple Current
PIVS2
62 Volts
Output Rectifier Maximum Peak Inverse Voltage
CMS2
32 Cmils
Output Winding Bare Conductor minimum circular mils
AWGS2
34 AWG
Wire Gauge (Rounded up to next larger standard AWG value)
DIAS2
0.16 mm
Minimum Bare Conductor Diameter
ODS2
0.61 mm
Maximum Outside Diameter for Triple Insulated Wire
Pirmary output
VO3
22
Volts
Output Voltage
IO3
0.1
Amps
Output DC Current
PO3
2.20 Watts
Output Power
VD3
1.4
Volts
Output Diode Forward Voltage Drop
NS3
33.67
Output Winding Number of Turns
ISRMS3
0.161 Amps
Output Winding RMS Current
IRIPPLE3
0.13 Amps
Output Capacitor RMS Ripple Current
PIVS3
151 Volts
Output Rectifier Maximum Peak Inverse Voltage
CMS3
32 Cmils
Output Winding Bare Conductor minimum circular mils
AWGS3
34 AWG
Wire Gauge (Rounded up to next larger standard AWG value)
DIAS3
0.16 mm
Minimum Bare Conductor Diameter
ODS3
0.25 mm
Maximum Outside Diameter for Triple Insulated Wire
Total power
4.6 Watts
!!! Total power does not match entered power in cell B7
Page 13 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com