Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 4 Page - Analog Devices

  AD9082 Datasheet HTML 1Page - Analog Devices AD9082 Datasheet HTML 2Page - Analog Devices AD9082 Datasheet HTML 3Page - Analog Devices AD9082 Datasheet HTML 4Page - Analog Devices AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD9082
Data Sheet
Rev. C | Page 4 of 36
SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
Successful DAC calibration is required during the device initialization phase that occurs shortly after power-up to ensure long-term
reliability of the DAC core circuitry. Refer to the UG-1578 user guide for more information on device initialization.
Table 1.
Parameter
Min
Typ
Max
Unit
OPERATING JUNCTION TEMPERATURE (TJ)
−40
120
°C
ANALOG SUPPLY VOLTAGE RANGE
AVDD2, BVDD2, RVDD2
1.9
2.0
2.1
V
AVDD1, AVDD1_ADC, CLKVDD1, FVDD1, VDD1_NVG1
0.95
1.0
1.05
V
DIGITAL SUPPLY VOLTAGE RANGE
DVDD1, DVDD1_RT, DCLKVDD1, DAVDD1
0.95
1.0
1.05
V
DVDD1P8
1.7
1.8
2.1
V
SERIALIZER/DESERIALIZER (SERDES) SUPPLY VOLTAGE RANGE
SVDD2_PLL
1.9
2.0
2.1
V
SVDD1, SVDD1_PLL
0.95
1.0
1.05
V
POWER CONSUMPTION
Typical at nominal supplies and maximum at 5% supplies. For the minimum and maximum values, TJ was varied between −40°C and
+120°C. For the typical values, TA = 25°C, unless otherwise noted.
DAC datapath with two DAC channels enabled. Complex I/Q data rate frequency (fIQ_DATA) = 3000 MSPS, interpolation of 4×, DAC frequency
(fDAC) = 12 GSPS, and JESD204C mode of 15C (L = 8, M = 4, F = 1, S = 1, K = 128, E = 1, N = 16, NP = 16).
ADC datapath with two ADC channels enabled. ADC frequency (fADC) = 6 GSPS , decimation filters bypassed, and JESD204C mode of 19C
(L = 8, M = 2, F = 1, S = 2, K = 256, E = 1, N = 16, NP = 16).
See the UG-1578 user guide for further information on the JESD204B and JESD204C mode configurations and a detailed description of
the settings referenced throughout this data sheet.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CURRENTS
AVDD2 (IAVDD2)
2.0 V supply
105
110
mA
BVDD2 (IBVDD2) + RVDD2 (IRVDD2)
2.0 V supply
290
340
mA
AVDD2_PLL (IAVDD2__PLL) + SVDD2_PLL (ISVDD2__PLL)
2.0 V supply
45
55
mA
Power Dissipation for 2 V Supplies
2.0 V supply total power dissipation
0.9
1.0
W
PLLCLKVDD1 (IPLLCLKVDD1)
1.0 V supply
15
25
mA
AVDD1 (IAVDD1) + DCLKVDD1(IDCLKVDD1)
1.0 V supply
620
795
mA
AVDD1_ADC (IAVDD1_ADC)
1.0 V supply
1710
2095
mA
CLKVDD1 (ICLKVDD1)
1.0 V supply
90
150
mA
FVDD1 (IFVDD1)
1.0 V supply
45
80
mA
VDD1_NVG (IVDD1_NVG)
1.0 V supply
280
360
mA
DAVDD1 (IDAVDD1)
1.0 V supply
925
1130
mA
DVDD1 (IDVDD1)
1.0 V supply
2175
3175
mA
DVDD1_RT (IDVDD1_RT)
1.0 V supply
560
680
mA
SVDD1 (ISVDD1) + SVDD1_PLL (ISVDD1_PLL)
1.0 V supply
1850
2500
mA
Power Dissipation for 1 V Supplies
1.0 V supply total power dissipation
8.3
11.0
W
DVDD1P8 (IDVDD1P8)
1.8 V supply
7
10
mA
Total Power Dissipation
Total power dissipation of 2 V and 1 V supplies
9.2
12
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com