Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9082 Datasheet HTML 15Page - Analog Devices AD9082 Datasheet HTML 16Page - Analog Devices AD9082 Datasheet HTML 17Page - Analog Devices AD9082 Datasheet HTML 18Page - Analog Devices AD9082 Datasheet HTML 19Page - Analog Devices AD9082 Datasheet HTML 20Page - Analog Devices AD9082 Datasheet HTML 21Page - Analog Devices AD9082 Datasheet HTML 22Page - Analog Devices AD9082 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
AD9082
Rev. C | Page 19 of 36
Table 21. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
POWER SUPPLIES
A2, E2, H2, L2, P2, V2
AVDD2
Input
Analog 2.0 V Supply Inputs for DAC.
L3
AVDD2_PLL
Input
Analog 2.0 V Supply Input for Clock PLL Linear
Dropout Regulator (LDO).
D7, E7, P7, R7
BVDD2
Input
Analog 2.0 V Supply Inputs for ADC Buffer.
B11, U11
RVDD2
Input
Analog 2.0 V Supply Inputs for ADC Reference.
J5
PLLCLKVDD1
Input
Analog 1.0 V Supply Input for Clock PLL.
D2 to D4, E3, F3, N3, P3, R2 to R4
AVDD1
Input
Analog 1.0 V Supply Inputs for DAC Clock.
G7, G8, M7, M8
AVDD1_ADC
Input
Analog 1.0 V Supply Inputs for ADC.
G6, M6
CLKVDD1
Input
Analog 1.0 V Supply Inputs for ADC Clock.
D6, R6
FVDD1
Input
Analog 1.0 V Supply Inputs for ADC Reference.
D10, R10
VDD1_NVG
Input
Analog 1.0 V Supply Inputs for Negative Voltage
Generator (NVG) Used to Generate −1 V Output.
E9, P9
NVG1_OUT
Output
Analog −1 V Supply Outputs from NVG.
Decouple NVG1_OUT to GND with a 0.1 μF
capacitor.
D8, E8, E10, P8, R8, P10
VNN1
Input
Analog −1 V Supply Inputs for ADC Buffer and
Reference. Connect these pins to the adjacent,
NVG1_OUT pins.
C9, T9,
BVNN2
Output
Analog −2 V Supply Outputs for ADC Buffer.
Decouple each BVNN2 pin to GND with a 0.1 μF
capacitor.
C10, T10
BVDD3
Output
Analog 3 V Supply Output for ADC Buffer.
Decouple BVDD3 to GND with 0.1 μF capacitor.
E5, F5, N5, P5
DAVDD1
Input
Digital Analog 1.0 V Supply Inputs.
F10, H9, H11, J9, J11, K9, K11, L9, L11, M9
DVDD1
Input
Digital 1.0 V Supply Inputs.
J6, J7, K6, K7
DVDD1_RT
Input
Digital 1.0 Supply Inputs for Retimer Block.
K5
DCLKVDD1
Input
Digital 1.0 V Clock Generation Supply.
A16, B16, C16, D16, E16, F16, G16, H16, M16,
N16, P16, R16, T16, U16, V16
SVDD1
Input
Digital 1.0 V Supply Inputs for SERDES
Deserializer and Serializer.
K15
SVDD2_PLL
Input
Digital 2.0 V Supply Input for SERDES LDO.
J16, K16
SVDD1_PLL
Input
Digital 1.0 V Supply Inputs for SERDES Clock
Generation and PLL.
C13, F9, T13
DVDD1P8
Input
Digital Interface and Temperature Monitoring
Unit (TMU) Supply Inputs (Nominal 1.8 V).
A1, A3, A4, A7, A8, A11, A17, A18, B2 to B6,
B9, B10, B14, B15, C2, C5 to C8, C11, C17,
C18, D1, D5, D9, D14, D15, E1, E4, E6, E17,
E18, F2, F4, F6 to F8, F14, F15, G2 to G5,
G17, G18, H1, H5 to H8, H10, H12, H14,
H15, J2, J8, J10, J12, J14, J15, J17, J18, K2,
K8, K10, K12, K14, K17, K18, L1, L5 to L8,
L10, L12, L14, M2 to M5, M10, M17, M18,
N2, N4, N6 to N8, N14, N15, P1, P4, P6,
P17, P18, R1, R5, R9, R14, R15, T2, T5 to T8,
T11, T17, T18, U2 to U6, U9, U10, U14,
U15, V1, V3, V4, V7, V8, V11, V17, V18
GND
Input/output
Ground References.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com